Selected language     English  ā–¼


BTS426L1 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part No. BTS426L1
Description  Smart Highside Power Switch
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 6 page
background image
BTS426L1
Semiconductor Group
6
2003-Oct-01
Truth Table
Input-
Output
Status
level
level
425L1
426L1
Normal
operation
L
H
L
H
H
H
Open load
L
H
13)
H
H (L14))
L
Short circuit to
Vbb
L
H
H
H
L15)
H (L16))
Overtem-
perature
L
H
L
L
H
L
Undervoltage
L
H
L
L
H
H
Overvoltage
L
H
L
L
H
H
L = "Low" Level
X = don't care
Z = high impedance, potential depends on external circuit
H = "High" Level
Status signal after the time delay shown in the diagrams (see fig 5. page 11...12)
13
) Power Transistor off, high impedance
14
) with external resistor between pin 3 and pin 5
15)
An external short of output to Vbb, in the off state, causes an internal current from output to ground. If RGND is used, an offset
voltage at the GND and ST pins will occur and the VST low signal may be errorious.
16
) Low resistance to V
bb may be detected in ON-state by the no-load-detection
Terms
PROFET
V
IN
ST
OUT
GND
bb
VST
V
IN
I ST
I IN
V
bb
Ibb
I L
VOUT
IGND
VON
1
2
4
3
5
R
GND
Input circuit (ESD protection)
IN
GND
I
R
ESD-ZD
I
I
I
ESD zener diodes are not to be used as voltage clamp at DC
conditions. Operation in this mode may result in a drift of the zener
voltage (increase of up to 1 V).




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS432D2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS707Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS412B2Smart Highside Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS707Smart Two Channel Highside Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS432E2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS710L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS432D2Smart Highside Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS711L1Smart Four Channel Highside Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS432F2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS711L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl