Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP80N70F4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP80N70F4
Description  N-channel 68 V, 8.2 m廓 typ., 85 A STripFET??DeepGATE?? Power MOSFET in TO-220 package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP80N70F4 Datasheet(HTML) 2 Page - STMicroelectronics

  STP80N70F4 Datasheet HTML 1Page - STMicroelectronics STP80N70F4 Datasheet HTML 2Page - STMicroelectronics STP80N70F4 Datasheet HTML 3Page - STMicroelectronics STP80N70F4 Datasheet HTML 4Page - STMicroelectronics STP80N70F4 Datasheet HTML 5Page - STMicroelectronics STP80N70F4 Datasheet HTML 6Page - STMicroelectronics STP80N70F4 Datasheet HTML 7Page - STMicroelectronics STP80N70F4 Datasheet HTML 8Page - STMicroelectronics STP80N70F4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Contents
STP80N70F4
2/12
Doc ID 18377 Rev 2
Contents
1
Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1
Electrical characteristics (curves)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3
Test circuits
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
4
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
5
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11


Similar Part No. - STP80N70F4

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STP80N70F4 DOINGTER-STP80N70F4 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - STP80N70F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP80N70F6 STMICROELECTRONICS-STP80N70F6 Datasheet
778Kb / 13P
   N-channel 68 V, 0.0063 typ., 96 A STripFET VI DeepGATE Power MOSFET in TO-220 package
STP310N10F7 STMICROELECTRONICS-STP310N10F7 Datasheet
824Kb / 13P
   N-channel 100 V, 2.3 m廓 typ., 180 A STripFET??VII DeepGATE?? Power MOSFET in a TO-220 package
July 2013 Rev 7
STD78N75F4 STMICROELECTRONICS-STD78N75F4 Datasheet
493Kb / 12P
   N-channel 75 V, 0.0092 typ., 78 A STripFET DeepGATE Power MOSFET in TO-220 package
STP75N75F4 STMICROELECTRONICS-STP75N75F4 Datasheet
485Kb / 12P
   N-channel 75 V, 0.0092 typ., 78 A STripFET DeepGATE Power MOSFET in a TO-220 package
STP77N6F6 STMICROELECTRONICS-STP77N6F6 Datasheet
950Kb / 13P
   N-channel 60 V, 0.0063 typ., 77 A STripFET VI DeepGATE Power MOSFET in a TO-220 package
STI300N4F6 STMICROELECTRONICS-STI300N4F6 Datasheet
782Kb / 13P
   N-channel 40 V, 1.7 m廓 typ., 160 A, STripFET??VI DeepGATE??Power MOSFET in a I짼PAK package
February 2013 Rev 2
STP80N6F6 STMICROELECTRONICS-STP80N6F6 Datasheet
465Kb / 12P
   Automotive-grade N-channel 60 V, 4.4 m??typ., 80 A STripFET??VI DeepGATE??Power MOSFET in a TO-220 package
January 2014 Rev 2
STB120N10F4 STMICROELECTRONICS-STB120N10F4 Datasheet
949Kb / 18P
   N-channel 100 V, 8 m廓 typ., 120 A, STripFET??DeepGATE?? Power MOSFETs in D2PAK and TO-220 packages
April 2014 Rev 1
STH260N6F6-2 STMICROELECTRONICS-STH260N6F6-2 Datasheet
730Kb / 14P
   N-channel 60 V, 1.7 m廓 typ., 180 A STripFET??VI DeepGATE??Power MOSFET in H짼PAK-2 package
STL100N6LF6 STMICROELECTRONICS-STL100N6LF6 Datasheet
2Mb / 15P
   N-channel 60 V, 3.3 m廓 typ., 25 A STripFET??VI DeepGATE?? Power MOSFET in a PowerFLAT??5x6 package
March 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com