Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS4S200UF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS4S200UF
Description  Power Schottky rectifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS4S200UF Datasheet(HTML) 1 Page - STMicroelectronics

  STPS4S200UF Datasheet HTML 1Page - STMicroelectronics STPS4S200UF Datasheet HTML 2Page - STMicroelectronics STPS4S200UF Datasheet HTML 3Page - STMicroelectronics STPS4S200UF Datasheet HTML 4Page - STMicroelectronics STPS4S200UF Datasheet HTML 5Page - STMicroelectronics STPS4S200UF Datasheet HTML 6Page - STMicroelectronics STPS4S200UF Datasheet HTML 7Page - STMicroelectronics STPS4S200UF Datasheet HTML 8Page - STMicroelectronics STPS4S200UF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
August 2015
DocID027021 Rev2
1/13
13
STPS4S200
Power Schottky rectifier
Datasheet
production data
Features
• Negligible switching losses
• High junction temperature capability
• Very small conduction losses
• Low leakage current
• Avalanche rated
• ECOPACK® compliant component (SMC and
SMBflat)
• Tj = -40 °C minimum operating
Description
This device is a 200 V Schottky rectifier suited for
switch mode power supplies and high frequency
DC to DC converters.
Packaged in DPAK, SMC and SMBflat, this
device is especially intended for use in low
voltage, high frequency inverters, freewheeling
and polarity protection. Also ideal for all LED
lighting applications.
Table 1. Device summary
Symbol
Value
IF(AV)
4 A
VRRM
200 V
VF (typ)
0.64 V
Tj (max)
175 °C
www.st.com


Similar Part No. - STPS4S200UF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS40100HR STMICROELECTRONICS-STPS40100HR Datasheet
82Kb / 9P
   Aerospace 2 x 20 A - 100 V Schottky rectifier
STPS40120C STMICROELECTRONICS-STPS40120C Datasheet
106Kb / 8P
   Power Schottky rectifier
STPS40120CR STMICROELECTRONICS-STPS40120CR Datasheet
106Kb / 8P
   Power Schottky rectifier
STPS40120CT STMICROELECTRONICS-STPS40120CT Datasheet
106Kb / 8P
   Power Schottky rectifier
STPS40120C STMICROELECTRONICS-STPS40120C_11 Datasheet
109Kb / 9P
   Power Schottky rectifier
More results

Similar Description - STPS4S200UF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com