Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67060-S7403-A2 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # Q67060-S7403-A2
Description  Smart High-Side Power Switch One Channel: 60m??Status Feedback
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67060-S7403-A2 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button Q67060-S7403-A2 Datasheet HTML 5Page - Infineon Technologies AG Q67060-S7403-A2 Datasheet HTML 6Page - Infineon Technologies AG Q67060-S7403-A2 Datasheet HTML 7Page - Infineon Technologies AG Q67060-S7403-A2 Datasheet HTML 8Page - Infineon Technologies AG Q67060-S7403-A2 Datasheet HTML 9Page - Infineon Technologies AG Q67060-S7403-A2 Datasheet HTML 10Page - Infineon Technologies AG Q67060-S7403-A2 Datasheet HTML 11Page - Infineon Technologies AG Q67060-S7403-A2 Datasheet HTML 12Page - Infineon Technologies AG Q67060-S7403-A2 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
BTS428L2
Infineon Technologies AG
Page 9
2003-Oct-01
GND disconnect with GND pull up
PROFET
V
IN
ST
OUT
GND
bb
V
bb
1
2
4
3
5
V
GND
V
IN
V
ST
Any kind of load. If VGND > VIN - VIN(T+) device stays off
Due to VGND >0, no VST = low signal available.
Vbb disconnect with energized inductive
load
PROFET
V
IN
ST
OUT
GND
bb
V
bb
1
2
4
3
5
high
For inductive load currents up to the limits defined by ZL
(max. ratings and diagram on page 9) each switch is
protected against loss of Vbb.
Consider at your PCB layout that in the case of Vbb dis-
connection with energized inductive load all the load current
flows through the GND connection.
Inductive Load switch-off energy
dissipation
PROFET
V
IN
ST
OUT
GND
bb
=
E
E
E
EAS
bb
L
R
ELoad
L
RL
{
Z L
Energy stored in load inductance:
EL = 1/2·L·I
2
L
While demagnetizing load inductance, the energy
dissipated in PROFET is
EAS= Ebb + EL - ER= VON(CL)·iL(t) dt,
with an approximate solution for RL > 0 Ω:
EAS=
IL·L
2·RL
·
(Vbb + |VOUT(CL)|)· ln (1+
IL·RL
|VOUT(CL)| )
Maximum allowable load inductance for
a single switch off
L = f (IL ); Tj,start = 150°C,TC = 150°C const.,
Vbb = 12 V, RL = 0 Ω
ZL [mH]
0.1
1
10
100
1000
27
12
17
IL [A]


Similar Part No. - Q67060-S7403-A2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67060-S7402 INFINEON-Q67060-S7402 Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
Q67060-S7404-A2 INFINEON-Q67060-S7404-A2 Datasheet
225Kb / 13P
   Smart Highside Power Switch
2003-Oct-01
Q67060-S7405 INFINEON-Q67060-S7405 Datasheet
332Kb / 17P
   Smart Power High-Side-Switch
2004-01-27
Q67060-S7406 INFINEON-Q67060-S7406 Datasheet
306Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results

Similar Description - Q67060-S7403-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS428L2 SIEMENS-BTS428L2 Datasheet
88Kb / 12P
   Smart High-Side Power Switch One Channel:60m-ohm Status Feedback
logo
Infineon Technologies A...
BTS436L2 INFINEON-BTS436L2 Datasheet
261Kb / 12P
   Smart High-Side Power Switch One Channel: 38m??Status Feedback
2003-Oct-01
BTS728L2 INFINEON-BTS728L2 Datasheet
389Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 60m??Status Feedback
2003-Oct-01
BTS441R INFINEON-BTS441R Datasheet
226Kb / 12P
   Smart Highside Power Switch One Channel: 20m??Status Feedback
2003-Oct-01
BTF50060-1TEA INFINEON-BTF50060-1TEA_11 Datasheet
1Mb / 38P
   Smart High-Side Power Switch, One Channel
Rev. 1.2, 2011-09-01
logo
Siemens Semiconductor G...
BTS728L2 SIEMENS-BTS728L2 Datasheet
241Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 60mW Status Feedback
logo
Infineon Technologies A...
BTS716G INFINEON-BTS716G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 140m??Status Feedback
2003-Oct-01
BTS724G INFINEON-BTS724G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
BTS824R INFINEON-BTS824R Datasheet
334Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
BTS736L2 INFINEON-BTS736L2 Datasheet
383Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 40m??Status Feedback
2003-Oct-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com