Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS432E2 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # BTS432E2
Description  Smart Highside Power Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS432E2 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button BTS432E2 Datasheet HTML 6Page - Infineon Technologies AG BTS432E2 Datasheet HTML 7Page - Infineon Technologies AG BTS432E2 Datasheet HTML 8Page - Infineon Technologies AG BTS432E2 Datasheet HTML 9Page - Infineon Technologies AG BTS432E2 Datasheet HTML 10Page - Infineon Technologies AG BTS432E2 Datasheet HTML 11Page - Infineon Technologies AG BTS432E2 Datasheet HTML 12Page - Infineon Technologies AG BTS432E2 Datasheet HTML 13Page - Infineon Technologies AG BTS432E2 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
BTS 432 E2
Semiconductor Group
11
2003-Oct-01
Figure 3b: Turn on into overload,
IN
ST
L
t
I
L(SCr)
I
IL(SCp)
Heating up may require several milliseconds , Vbb - VOUT < 8.3 V
typ.
Figure 3c: Short circuit while on:
IN
ST
OUT
L
t
V
I
**)
**) current peak approx. 20
µs
Figure 4a: Overtemperature:
Reset if Tj <Tjt
IN
ST
OUT
J
t
V
T
Figure 5a: Open load: detection in ON-state, turn
on/off to open load
IN
ST
OUT
L
t
V
I
open
t
d(ST)


Similar Part No. - BTS432E2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS432E2 SIEMENS-BTS432E2 Datasheet
142Kb / 13P
   Smart Highside Power Switch (Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown)
logo
Infineon Technologies A...
BTS432E2 INFINEON-BTS432E2 Datasheet
222Kb / 14P
   Smart Highside Power Switch
2010-Jan-26
BTS432E2 INFINEON-BTS432E2_10 Datasheet
222Kb / 14P
   Smart Highside Power Switch
2010-Jan-26
More results

Similar Description - BTS432E2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS307 INFINEON-BTS307 Datasheet
273Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS443P INFINEON-BTS443P Datasheet
225Kb / 13P
   Smart Highside Power Switch
2003-Oct-01
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2_99 Datasheet
306Kb / 14P
   Smart Highside Power Switch
22.03.99
BTS6163D INFINEON-BTS6163D_07 Datasheet
280Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-07-23
BTS426L1 INFINEON-BTS426L1 Datasheet
327Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6133D INFINEON-BTS6133D Datasheet
257Kb / 15P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com