Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS443P Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BTS443P
Description  Smart Highside Power Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS443P Datasheet(HTML) 2 Page - Infineon Technologies AG

  BTS443P Datasheet HTML 1Page - Infineon Technologies AG BTS443P Datasheet HTML 2Page - Infineon Technologies AG BTS443P Datasheet HTML 3Page - Infineon Technologies AG BTS443P Datasheet HTML 4Page - Infineon Technologies AG BTS443P Datasheet HTML 5Page - Infineon Technologies AG BTS443P Datasheet HTML 6Page - Infineon Technologies AG BTS443P Datasheet HTML 7Page - Infineon Technologies AG BTS443P Datasheet HTML 8Page - Infineon Technologies AG BTS443P Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Data Sheet BTS 443 P
Infineon Technologies AG
Page 2 of 13
2003-Oct-01
Pin
Symbol
Function
1
OUT
O
Output to the load. The pin 1 and 5 must be shorted with each
other especially in high current applications!*)
2
IN
I
Input, activates the power switch in case of short to ground
Tab/(3)
Vbb
+
Positive power supply voltage, the tab is shorted to this pin.
4
IS
S
Diagnostic feedback providing a sense current proportional to the load
current; high current on failure (see Truth Table on page 6)
5
OUT
O
Output to the load. The pin 1 and 5 must be shorted with each
other especially in high current applications!*)
*) Not shorting all outputs will considerably increase the on-state resistance, reduce the peak current capability
and decrease the current sense accuracy
Maximum Ratings at Tj = 25 °C unless otherwise specified
Parameter
Symbol
Values
Unit
Supply voltage (overvoltage protection see page 4)
Vbb
36
V
Supply voltage for full short circuit protection
(see also diagram on page 9)
Tj=-40...150 °C:
Vbb
241
)
V
Load dump protection VLoadDump = UA + Vs, UA = 13.5 V
RI= 2
Ω, RL= 2.7 Ω, td= 200 ms, IN= low or high
VLoad dump2)
60
V
Load current (Short-circuit current, see page 4)
IL
self-limited
A
Operating temperature range
Storage temperature range
Tj
Tstg
-40 ...+150
-55 ...+150
°C
Power dissipation (DC) TC
≤ 25°C
Ptot
42
W
Inductive load switch-off energy dissipation,
single pulse U=12V, I=10A, L=3mH
Tj=150 °C:
EAS
0.15
J
Electrostatic discharge capability (ESD)
(Human Body Model)
acc. ESD assn. std. S5.1-1993; R=1.5k
Ω; C=100pF
VESD
4.0
kV
Current through input pin (DC)
Current through current sense pin (DC)
see internal circuit diagrams page 7
IIN
IIS
+15, -100
+15, -100
mA
1 )
Short circuit is tested with 100m
Ω and 20µH
2)
VLoad dump is set-up without the DUT connected to the generator per ISO 7637-1 and DIN 40839


Similar Part No. - BTS443P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS443P INFINEON-BTS443P Datasheet
650Kb / 15P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS443P INFINEON-BTS443P_07 Datasheet
650Kb / 15P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
More results

Similar Description - BTS443P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS307 INFINEON-BTS307 Datasheet
273Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2_99 Datasheet
306Kb / 14P
   Smart Highside Power Switch
22.03.99
BTS6163D INFINEON-BTS6163D_07 Datasheet
280Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-07-23
BTS426L1 INFINEON-BTS426L1 Datasheet
327Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6133D INFINEON-BTS6133D Datasheet
257Kb / 15P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com