Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67060-S7404-A2 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # Q67060-S7404-A2
Description  Smart Highside Power Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67060-S7404-A2 Datasheet(HTML) 5 Page - Infineon Technologies AG

  Q67060-S7404-A2 Datasheet HTML 1Page - Infineon Technologies AG Q67060-S7404-A2 Datasheet HTML 2Page - Infineon Technologies AG Q67060-S7404-A2 Datasheet HTML 3Page - Infineon Technologies AG Q67060-S7404-A2 Datasheet HTML 4Page - Infineon Technologies AG Q67060-S7404-A2 Datasheet HTML 5Page - Infineon Technologies AG Q67060-S7404-A2 Datasheet HTML 6Page - Infineon Technologies AG Q67060-S7404-A2 Datasheet HTML 7Page - Infineon Technologies AG Q67060-S7404-A2 Datasheet HTML 8Page - Infineon Technologies AG Q67060-S7404-A2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Data Sheet BTS 443 P
Infineon Technologies AG
Page 5 of 13
2003-Oct-01
Diagnostic Characteristics
Current sense ratio, static on-condition
kILIS = IL : IIS
VON<1.5 V, VIS<VOUT- 5 V, VbIN>4.5 V 9)
kILIS
--
8200
--
IL = 20A, Tj = -40°C:
Tj = +25°C:
Tj = +150°C:
IL = 5A, Tj = -40°C:
Tj = +25°C:
Tj = +150°C:
IL = 2.5A, Tj = -40°C:
Tj = +25°C:
Tj = +150°C:
IL = 1A, Tj = -40°C:
Tj = +25°C:
Tj = +150°C:
7400
7500
7500
6800
7200
7200
6800
6800
6800
6800
6800
6800
8300
8300
8200
8300
8300
8200
8500
8500
8100
8600
8600
8600
9100
9100
8800
9700
9300
9000
10000
9800
9200
10500
10500
10500
IIN = 0 (e.g. during de-energising of inductive loads):
--
n.a.
--
Sense current under fault conditions;
VDS>1.5V, typ.
Tj= -40...+150°C: IIS,fault
2.5
4
--
mA
Fault-Sense signal delay after negative input slope
tdelay(fault)
0.8
ms
Current sense leakage current
IIN = 0:
VIN = 0, IL
= 0:
IIS(LL)
IIS(LH)
--
--
--
4
0.5
12
µA
Current sense settling time to IIS static
±10% after
positive input slope, IL = 0
20 A 10)
Tj= -40...+150°C:
tson(IS)
--
--
400
µs
Overvoltage protection
Ibb = 15 mA
Tj = -40...+150°C: VbIS(Z)
61
68
--
V
9)
If VON is higher, the sense current is no longer proportional to the load current due to sense current
saturation.
10) not subject to production test, specified by design
Input
Required current capability of input switch
Tj =-40..+150°C:
IIN(on)
--
0.7
1.2
mA
Maximum input current for turn-offTj =-40..+150°C: IIN(off)
--
--
50
µA


Similar Part No. - Q67060-S7404-A2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67060-S7402 INFINEON-Q67060-S7402 Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
Q67060-S7403-A2 INFINEON-Q67060-S7403-A2 Datasheet
240Kb / 13P
   Smart High-Side Power Switch One Channel: 60m??Status Feedback
2003-Oct-01
Q67060-S7405 INFINEON-Q67060-S7405 Datasheet
332Kb / 17P
   Smart Power High-Side-Switch
2004-01-27
Q67060-S7406 INFINEON-Q67060-S7406 Datasheet
306Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results

Similar Description - Q67060-S7404-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS307 INFINEON-BTS307 Datasheet
273Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2_99 Datasheet
306Kb / 14P
   Smart Highside Power Switch
22.03.99
BTS6163D INFINEON-BTS6163D_07 Datasheet
280Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-07-23
BTS426L1 INFINEON-BTS426L1 Datasheet
327Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6133D INFINEON-BTS6133D Datasheet
257Kb / 15P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com