Electronic Components Datasheet Search |
|
DS42MB100 Datasheet(PDF) 5 Page - Texas Instruments |
|
DS42MB100 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 25 page DS42MB100 www.ti.com SNLS244H – SEPTEMBER 2006 – REVISED JANUARY 2016 6.3 Recommended Operating Ratings MIN NOM MAX UNIT Supply voltage (VCC – GND) 3.135 3.3 3.465 V Supply noise amplitude (10 Hz to 2 GHz) 100 mVPP Ambient temperature –40 85 °C Case temperature 100 °C 6.4 Thermal Information DS42MB100 THERMAL METRIC(1) NJK (WQFN) UNIT 36 PINS RθJA Junction-to-ambient thermal resistance(2) 32.8 °C/W RθJC(top) Junction-to-case (top) thermal resistance 14.3 °C/W RθJB Junction-to-board thermal resistance 6.2 °C/W ψJT Junction-to-top characterization parameter 0.2 °C/W ψJB Junction-to-board characterization parameter 6.1 °C/W RθJC(bot) Junction-to-case (bottom) thermal resistance 1.9 °C/W (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report, SPRA953. (2) Thermal resistances are based on having 16 thermal relief vias on the DAP pad under the 0 airflow condition. 6.5 Electrical Characteristics Over recommended operating supply and temperature ranges unless otherwise specified. PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT LVCMOS DC SPECIFICATIONS VIH High level input voltage 2 VCC + 0.3 V VIL Low level input voltage –0.3 0.8 V IIH High level input current VIN = VCC –10 10 µA IIL Low level input current VIN = GND 75 94 124 µA RPU Pull-high resistance 35 k Ω RECEIVER SPECIFICATIONS AC coupled differential Below 1.25 Gbps 100 1750 Differential input voltage signal. Between 1.25 Gbps–3.125 Gbps 100 1560 VID mVP-P range(2) This parameter is not Above 3.125 Gbps 100 1200 tested at production. Common-mode voltage VICM Measured at receiver inputs reference to ground. 1.3 V at receiver inputs Input differential RITD On-chip differential termination between IN+ or IN −. 84 100 116 Ω termination(3) (1) Typical parameters measured at VCC = 3.3 V, TA = 25°C, and represent most likely parametric norms at the time of product characterization. The typical specifications are not ensured. (2) This parameter is specified by design and/or characterization. It is not tested in production. (3) IN+ and IN − are generic names refer to one of the many pairs of complimentary inputs of the DS42MB100. OUT+ and OUT− are generic names refer to one of the many pairs of the complimentary outputs of the DS42MB100. Differential input voltage VID is defined as |IN+–IN −|. Differential output voltage VOD is defined as |OUT+–OUT−|. Copyright © 2006–2016, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: DS42MB100 |
Similar Part No. - DS42MB100_16 |
|
Similar Description - DS42MB100_16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |