Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS42MB100TSQ Datasheet(PDF) 4 Page - Texas Instruments

Part # DS42MB100TSQ
Description  4.25-Gbps 2:1/1:2 CML MUX/Buffer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS42MB100TSQ Datasheet(HTML) 4 Page - Texas Instruments

  DS42MB100TSQ Datasheet HTML 1Page - Texas Instruments DS42MB100TSQ Datasheet HTML 2Page - Texas Instruments DS42MB100TSQ Datasheet HTML 3Page - Texas Instruments DS42MB100TSQ Datasheet HTML 4Page - Texas Instruments DS42MB100TSQ Datasheet HTML 5Page - Texas Instruments DS42MB100TSQ Datasheet HTML 6Page - Texas Instruments DS42MB100TSQ Datasheet HTML 7Page - Texas Instruments DS42MB100TSQ Datasheet HTML 8Page - Texas Instruments DS42MB100TSQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
DS42MB100
SNLS244H – SEPTEMBER 2006 – REVISED JANUARY 2016
www.ti.com
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
Reserve pin to support factory testing. This pin can be left open, or tied to GND, or tied to GND
RSV
17
I
through an external pull-down resistor.
POWER
2, 8, 9, 12,
Ground reference. Each ground pin should be connected to the ground plane through a low
GND
14, 16, 20,
P
inductance path, typically with a via located as close as possible to the landing pad of the GND
29, 35
pin.
DAP is the metal contact at the bottom side, located at the center of the WQFN package. It
GND
DAP
P
should be connected to the GND plane with at least 16 via to lower the ground impedance and
improve the thermal performance of the package.
VCC = 3.3 V ± 5%.
Each VCC pin should be connected to the VCC plane through a low inductance path, typically with
5, 13, 15,
VCC
P
a via located as close as possible to the landing pad of the VCC pin.
23, 32
It is recommended to have a 0.01
μF or 0.1 μF, X7R, size-0402 bypass capacitor from each VCC
pin to ground plane.
6 Specifications
6.1 Absolute Maximum Ratings
see
(1) (2)
MIN
MAX
UNIT
Supply voltage (VCC)
–0.3
4
V
CMOS/TTL input voltage
–0.3
VCC + 0.3
V
CML input/output voltage
–0.3
VCC + 0.3
V
Junction temperature
150
°C
Lead temperature (soldering, 4 seconds)
260
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), 1.5 k
Ω, 100 pF, per ANSI/ESDA/JEDEC JS-
±6000
001(1)
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1250
Machine model
±350
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
4
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Product Folder Links: DS42MB100


Similar Part No. - DS42MB100TSQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS42MB100TSQ NSC-DS42MB100TSQ Datasheet
992Kb / 16P
   4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit De-Emphasis and Receive Equalization
More results

Similar Description - DS42MB100TSQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS40MB200 TI1-DS40MB200_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual 4-Gbps 2:1/1:2 CML MUX/Buffer
logo
National Semiconductor ...
DS42MB100 NSC-DS42MB100 Datasheet
992Kb / 16P
   4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit De-Emphasis and Receive Equalization
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
   Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS42MB200 TI1-DS42MB200_14 Datasheet
904Kb / 18P
[Old version datasheet]   DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS42MB200TSQ TI1-DS42MB200TSQ Datasheet
900Kb / 17P
[Old version datasheet]   DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS100MB203 TI1-DS100MB203_15 Datasheet
1Mb / 54P
[Old version datasheet]   10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer
logo
National Semiconductor ...
DS25MB100_0712 NSC-DS25MB100_0712 Datasheet
995Kb / 16P
   2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit De-Emphasis and Receive Equalization
DS40MB200 NSC-DS40MB200_07 Datasheet
1Mb / 16P
   Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB200 NSC-DS25MB200_08 Datasheet
319Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre- Emphasis and Receive Equalization
logo
Texas Instruments
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
[Old version datasheet]   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com