Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90CR286AMTD Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DS90CR286AMTD
Description  3.3-V Rising Edge Data Strobe LVDS Receiver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CR286AMTD Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS90CR286AMTD Datasheet HTML 2Page - Texas Instruments DS90CR286AMTD Datasheet HTML 3Page - Texas Instruments DS90CR286AMTD Datasheet HTML 4Page - Texas Instruments DS90CR286AMTD Datasheet HTML 5Page - Texas Instruments DS90CR286AMTD Datasheet HTML 6Page - Texas Instruments DS90CR286AMTD Datasheet HTML 7Page - Texas Instruments DS90CR286AMTD Datasheet HTML 8Page - Texas Instruments DS90CR286AMTD Datasheet HTML 9Page - Texas Instruments DS90CR286AMTD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6
DS90CR216A, DS90CR286A, DS90CR286A-Q1
SNLS043H – MAY 2000 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: DS90CR216A DS90CR286A DS90CR286A-Q1
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
(1)
Typical values are given for VCC = 3.3 V and TA = 25ºC.
(2)
Current into device pins is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to ground
unless otherwise specified (except VOD and ΔV OD).
6.5 Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVCMOS DC SPECIFICATIONS (For PWR DWN Pin)
VIH
High Level Input Voltage
2
VCC
V
VIL
Low Level Input Voltage
GND
0.8
V
VCL
Input Clamp Voltage
ICL = −18 mA
–0.79
–1.5
V
IIN
Input Current
V IN = 0.4 V, 2.5 V or VCC
1.8
10
μA
V IN = GND
–10
0
μA
LVCMOS DC SPECIFICATIONS
VOH
High Level Output Voltage
IOH = −0.4 mA
2.7
3.3
V
VOL
Low Level Output Voltage
IOL = 2 mA
0.06
0.3
V
IOS
Output Short Circuit Current
VOUT = 0 V
–60
–120
mA
LVDS RECEIVER DC SPECIFICATIONS
VTH
Differential Input High Threshold
VCM = +1.2V
100
mV
VTL
Differential Input Low Threshold
–100
mV
IIN
Input Current
VIN = +2.4V, VCC = 3.6V
±10
μA
VIN = 0V, VCC = 3.6V
±10
μA
RECEIVER SUPPLY CURRENT
ICCRW
Receiver Supply Current Worst Case
CL = 8 pF, Worst Case
Pattern, DS90CR286A
(Figure 1 Figure 2),
TA=−10°C to +70°C
f = 33 MHz
49
65
mA
f = 37.5 MHz
53
70
mA
f = 66 MHz
81
105
mA
ICCRW
Receiver Supply Current Worst Case
CL = 8 pF, Worst Case
Pattern, DS90CR286A
(Figure 1 Figure 2),
TA=−40°C to +85°C
f = 40 MHz
53
70
mA
f = 66 MHz
81
105
mA
ICCRW
Receiver Supply Current Worst Case
CL = 8 pF, Worst Case
Pattern, DS90CR216A
(Figure 1 Figure 2),
TA=−10°C to +70°C
f = 33 MHz
49
55
mA
f = 37.5 MHz
53
60
mA
f = 66 MHz
78
90
mA
ICCRW
Receiver Supply Current Worst Case
CL = 8 pF, Worst Case
Pattern, DS90CR216A
(Figure 1 Figure 2),
TA=−40°C to +85°C
f = 40 MHz
53
60
mA
f = 66 MHz
78
90
mA
ICCRZ
Receiver Supply Current Power Down
Power Down = Low Receiver Outputs Stay
Low during Power Down Mode
10
55
μA


Similar Part No. - DS90CR286AMTD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR286AMTD NSC-DS90CR286AMTD Datasheet
250Kb / 12P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link??6 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link??6 MHz
DS90CR286AMTD NSC-DS90CR286AMTD Datasheet
378Kb / 14P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
More results

Similar Description - DS90CR286AMTD

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVDR84C THINE-THC63LVDR84C Datasheet
534Kb / 16P
   24bit Color LVDS Receiver (Rising Edge Strobe Output)
logo
Texas Instruments
DS90CR286AT-Q1 TI1-DS90CR286AT-Q1 Datasheet
2Mb / 29P
[Old version datasheet]   Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link 66 MHz
logo
National Semiconductor ...
DS90CR286A NSC-DS90CR286A Datasheet
250Kb / 12P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link??6 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link??6 MHz
DS90CR216A NSC-DS90CR216A_04 Datasheet
312Kb / 13P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
DS90CR286A NSC-DS90CR286A_09 Datasheet
378Kb / 14P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
DS90CR218 NSC-DS90CR218 Datasheet
239Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link Receiver - 75 MHz
DS90CR288 NSC-DS90CR288 Datasheet
229Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link Receiver - 75 MHz
DS90CR215 NSC-DS90CR215 Datasheet
739Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR218A NSC-DS90CR218A Datasheet
282Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
DS90CR287 NSC-DS90CR287 Datasheet
308Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-85 MHZ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com