Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90UB940TNKDRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UB940TNKDRQ1
Description  FPD-Link III to CSI-2 Deserializer
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UB940TNKDRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS90UB940TNKDRQ1 Datasheet HTML 7Page - Texas Instruments DS90UB940TNKDRQ1 Datasheet HTML 8Page - Texas Instruments DS90UB940TNKDRQ1 Datasheet HTML 9Page - Texas Instruments DS90UB940TNKDRQ1 Datasheet HTML 10Page - Texas Instruments DS90UB940TNKDRQ1 Datasheet HTML 11Page - Texas Instruments DS90UB940TNKDRQ1 Datasheet HTML 12Page - Texas Instruments DS90UB940TNKDRQ1 Datasheet HTML 13Page - Texas Instruments DS90UB940TNKDRQ1 Datasheet HTML 14Page - Texas Instruments DS90UB940TNKDRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
11
DS90UB940-Q1
www.ti.com
SNLS479A – NOVEMBER 2014 – REVISED JANUARY 2016
Product Folder Links: DS90UB940-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
DC Electrical Characteristics (continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
PARAMETER
TEST CONDITIONS
PIN/FREQ.
MIN
TYP
MAX
UNIT
FPD-LINK III CML INPUT
VTH
Differential Threshold High
Voltage
VCM = 2.1V (Internal VBIAS)
RIN0+, RIN0-
RIN1+, RIN1-
50
mV
VTL
Differential Threshold Low
Voltage
-50
mV
VID
Input Differential Threshold
100
mV
VCM
Differential Common-mode
Voltage
2.1
V
RT
Internal Termination Resistor -
Differential
80
100
120
Ω
HSTX DRIVER
VCMTX
HS transmit static common-mode
voltage
CSI0_D3±,
CSI0_D2±,
CSI0_D1±,
CSI0_D0±,
CSI0_CLK±,
CSI1_D3±,
CSI1_D2±,
CSI1_D1±,
CSI1_D0±,
CSI1_CLK±
150
200
250
mV
|
ΔVCMTX(1,0)| VCMTX mismatch when output is
1 or 0
5
mVP-P
|VOD|
HS transmit differential voltage
140
200
270
mV
|
ΔVOD|
VOD mismatch when output is 1
or 0
14
mV
VOHHS
HS output high voltage
360
mV
ZOS
Single-ended output impedance
40
50
62.5
Ω
ΔZOS
Mismatch in single-ended output
impedance
10
%
LPTX DRIVER
VOH
High Level Output Voltage
IOH = -4mA
CSI0_D3±,
CSI0_D2±,
CSI0_D1±,
CSI0_D0±,
CSI0_CLK±,
CSI1_D3±,
CSI1_D2±,
CSI1_D1±,
CSI1_D0±,
CSI1_CLK±
1.05
1.2
1.3
V
VOL
Low Level Output Voltage
IOL = +4mA
-50
50
mV
ZOLP
Output impedance
110
Ω
LOOP-THROUGH MONITOR OUTPUT
VODp-p
Differential Output Voltage
RL = 100Ω
CMLOUTP,
CMLOUTN
360
mV
SUPPLY CURRENT
PT
Total Power Consumption,
Normal Operation
Checkerboard Pattern,
170MHz. See Figure 1.
2-lane FPD-Link III Input, 2
MIPI lanes Output
VDD
628
875
mW
PZ
Total Power Consumption,
Power-Down Mode
PDB = 0V
10
45
mW
IDD12
Supply Current, Normal
Operation
Checkerboard Pattern, 96MHz.
See Figure 1.
1-lane FPD-Link III Input, 2
MIPI lanes Output
VDD12 = 1.2 V
150
250
mA
IDD33
VDD33 = 3.6 V
90
122
mA
IDDIO
VDDIO = 1.89
V
1
6
mA
VDDIO = 3.6 V
1
6
mA
IDD12
Supply Current, Normal
Operation
Checkerboard Pattern, 96MHz.
See Figure 1.
1-lane FPD-Link III Input, 4
MIPI lanes Output
VDD12 = 1.2 V
125
225
mA
IDD33
VDD33 = 3.6 V
90
122
mA
IDDIO
VDDIO = 1.89
V
1
6
mA
VDDIO = 3.6 V
1
6
mA


Similar Part No. - DS90UB940TNKDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB940N-Q1 TI1-DS90UB940N-Q1 Datasheet
1Mb / 97P
[Old version datasheet]   1080p FPD-Link III to CSI-2 deserializer
DS90UB940NTNKDRQ1 TI1-DS90UB940NTNKDRQ1 Datasheet
1Mb / 97P
[Old version datasheet]   1080p FPD-Link III to CSI-2 deserializer
DS90UB940NTNKDTQ1 TI1-DS90UB940NTNKDTQ1 Datasheet
1Mb / 97P
[Old version datasheet]   1080p FPD-Link III to CSI-2 deserializer
More results

Similar Description - DS90UB940TNKDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UH940-Q1 TI1-DS90UH940-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UB940N-Q1 TI1-DS90UB940N-Q1 Datasheet
1Mb / 97P
[Old version datasheet]   1080p FPD-Link III to CSI-2 deserializer
DS90UH940N-Q1 TI1-DS90UH940N-Q1_18 Datasheet
2Mb / 107P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UH940N-Q1 TI1-DS90UH940N-Q1 Datasheet
1Mb / 85P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UB953-Q1 TI1-DS90UB953-Q1 Datasheet
136Kb / 7P
[Old version datasheet]   MIPI CSI-2 FPD-Link III Serializer
DS90UB948-Q1 TI1-DS90UB948-Q1_16 Datasheet
1Mb / 88P
[Old version datasheet]   FPD-Link III to OpenLDI Deserializer
DS90UH948-Q1 TI1-DS90UH948-Q1 Datasheet
1Mb / 91P
[Old version datasheet]   FPD-Link III to OpenLDI Deserializer
DS90UB954-Q1 TI1-DS90UB954-Q1 Datasheet
196Kb / 6P
[Old version datasheet]   Dual FPD-Link III Deserializer
DS90UB936-Q1 TI1-DS90UB936-Q1 Datasheet
1Mb / 151P
[Old version datasheet]   Dual, 2.5 Gbps, FPD-Link III Deserializer Hub With MIPI CSI-2 Outputs
DS90UB962-Q1 TI1-DS90UB962-Q1 Datasheet
2Mb / 169P
[Old version datasheet]   Quad 3-Gbps FPD-Link III Deserializer Hub With Single CSI-2 Output Port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com