Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90UH940TNKDRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UH940TNKDRQ1
Description  FPD-Link III to CSI-2 Deserializer
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UH940TNKDRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS90UH940TNKDRQ1 Datasheet HTML 5Page - Texas Instruments DS90UH940TNKDRQ1 Datasheet HTML 6Page - Texas Instruments DS90UH940TNKDRQ1 Datasheet HTML 7Page - Texas Instruments DS90UH940TNKDRQ1 Datasheet HTML 8Page - Texas Instruments DS90UH940TNKDRQ1 Datasheet HTML 9Page - Texas Instruments DS90UH940TNKDRQ1 Datasheet HTML 10Page - Texas Instruments DS90UH940TNKDRQ1 Datasheet HTML 11Page - Texas Instruments DS90UH940TNKDRQ1 Datasheet HTML 12Page - Texas Instruments DS90UH940TNKDRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 87 page
background image
9
DS90UH940-Q1
www.ti.com
SNLS478A – NOVEMBER 2014 – REVISED JANUARY 2016
Product Folder Links: DS90UH940-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
For soldering specifications, see product folder at www.ti.com and SNOA549
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1) (2)
PARAMETER
MIN
MAX
UNIT
VDD33
Supply voltage
–0.3
4.0
V
VDD12
Supply voltage
-0.3
1.8
V
VDDIO
Supply voltage
–0.3
4.0
V
LVCMOS I/O voltage
–0.3
VDDIO +
0.3
V
FPD-Link III input voltage
–0.3
2.75
V
TJ
Junction temperature
150
°C
Tstg
Storage temperature range
-65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.2 ESD Ratings—JEDEC
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±8000
V
Charged-device model (CDM), per AEC Q100-011
±1250
7.3 ESD Ratings—IEC and ISO
VALUE
UNIT
V(ESD)
Electrostatic discharge
RD = 330 Ω, CS = 150 pF
IEC, powered-up only contact discharge
(RIN0+, RIN0-, RIN1+, RIN1-)
±8000
V
IEC, powered-up only air-gap discharge
(RIN0+, RIN0-, RIN1+, RIN1-)
±15000
RD = 330 Ω, CS = 150 and 330 pF
ISO10605 contact discharge (RIN0+, RIN0-,
RIN1+, RIN1-)
±8000
V
ISO10605 air-gap discharge (RIN0+, RIN0-,
RIN1+, RIN1-)
±15000
RD = 2 kΩ, CS = 150 and 330 pF
ISO10605 contact discharge (RIN0+, RIN0-,
RIN1+, RIN1-)
±8000
V
ISO10605 air-gap discharge (RIN0+, RIN0-,
RIN1+, RIN1-)
±15000
7.4 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply Voltage (VDD33)
3.0
3.3
3.6
V
Supply Voltage (VDD18)
1.71
1.8
1.89
V
Supply Voltage (VDD12)
1.14
1.2
1.26
V
Operating Free Air Temperature (TA)
−40
25
105
°C
Pixel Clock Frequency (Single Link)
25
96
MHz
Pixel Clock Frequency (Dual Link)
50
170
MHz
Supply Noise -- VDD33 (DC-50MHz)
100
mVP-P
Supply Noise -- VDD18 (DC-50MHz)
50
mVP-P
Supply Noise -- VDD12 (DC-50MHz)
25
mVP-P


Similar Part No. - DS90UH940TNKDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UH940N-Q1 TI1-DS90UH940N-Q1 Datasheet
1Mb / 85P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UH940N-Q1 TI1-DS90UH940N-Q1 Datasheet
2Mb / 107P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UH940N-Q1 TI1-DS90UH940N-Q1_18 Datasheet
2Mb / 107P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UH940NTNKDRQ1 TI1-DS90UH940NTNKDRQ1 Datasheet
2Mb / 107P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UH940NTNKDTQ1 TI1-DS90UH940NTNKDTQ1 Datasheet
2Mb / 107P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
More results

Similar Description - DS90UH940TNKDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB940-Q1 TI1-DS90UB940-Q1 Datasheet
1Mb / 84P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UB940N-Q1 TI1-DS90UB940N-Q1 Datasheet
1Mb / 97P
[Old version datasheet]   1080p FPD-Link III to CSI-2 deserializer
DS90UH940N-Q1 TI1-DS90UH940N-Q1_18 Datasheet
2Mb / 107P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UH940N-Q1 TI1-DS90UH940N-Q1 Datasheet
1Mb / 85P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UB953-Q1 TI1-DS90UB953-Q1 Datasheet
136Kb / 7P
[Old version datasheet]   MIPI CSI-2 FPD-Link III Serializer
DS90UB948-Q1 TI1-DS90UB948-Q1_16 Datasheet
1Mb / 88P
[Old version datasheet]   FPD-Link III to OpenLDI Deserializer
DS90UH948-Q1 TI1-DS90UH948-Q1 Datasheet
1Mb / 91P
[Old version datasheet]   FPD-Link III to OpenLDI Deserializer
DS90UB954-Q1 TI1-DS90UB954-Q1 Datasheet
196Kb / 6P
[Old version datasheet]   Dual FPD-Link III Deserializer
DS90UB936-Q1 TI1-DS90UB936-Q1 Datasheet
1Mb / 151P
[Old version datasheet]   Dual, 2.5 Gbps, FPD-Link III Deserializer Hub With MIPI CSI-2 Outputs
DS90UB962-Q1 TI1-DS90UB962-Q1 Datasheet
2Mb / 169P
[Old version datasheet]   Quad 3-Gbps FPD-Link III Deserializer Hub With Single CSI-2 Output Port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com