Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS100RT410SQ Datasheet(PDF) 10 Page - Texas Instruments

Part # DS100RT410SQ
Description  Low-Power 10-GbE Quad Channel Retimer
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS100RT410SQ Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS100RT410SQ Datasheet HTML 6Page - Texas Instruments DS100RT410SQ Datasheet HTML 7Page - Texas Instruments DS100RT410SQ Datasheet HTML 8Page - Texas Instruments DS100RT410SQ Datasheet HTML 9Page - Texas Instruments DS100RT410SQ Datasheet HTML 10Page - Texas Instruments DS100RT410SQ Datasheet HTML 11Page - Texas Instruments DS100RT410SQ Datasheet HTML 12Page - Texas Instruments DS100RT410SQ Datasheet HTML 13Page - Texas Instruments DS100RT410SQ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
0
1
2
3
4
5
6
7
8
9
10
-1.0
-0.5
0.0
0.5
1.0
TIME (UI)
DS100RT410
SNLS448A – JANUARY 2013 – REVISED OCTOBER 2015
www.ti.com
Feature Description (continued)
7.3.3 CTLE
The CTLE in the DS125DF410 is a fully adaptive equalizer with optional limiting stage. The CTLE adapts
according to a figure of merit (FOM) calculation during the lock acquisition process. Once the CDR has locked
and the CTLE has been adapted, the CTLE boost level will be frozen until a manual re-adapt command is issued
or until the CDR re-enters the lock acquisition state. The CTLE is typically readapted by resetting the CDR. The
CTLE consists of 4 stages, with each stage having 2-bit boost control. This allows for 256 different stage-boost
combinations. The CTLE adaption algorithm allows the CTLE to adapt through 32 of these stage-boost
combinations. These 32 stage-boost combinations comprise the EQ Table in the channel registers; see channel
registers 0x40 through 0x5F. This EQ Table can be reprogrammed to support up to 32 of the 256 stage-boost
settings.
CTLE boost levels are determined by summing the boosts levels of the four stages. Different stage-boost
combinations that sum to the same number will have approximately the same boost level, but will result in a
different shape for the EQ transfer function (boost curve).
The fourth stage in the CTLE can be programmed through the SMBus interface to become a limiting stage rather
than a linear stage.
7.3.4 Clock and Data Recovery
The DS100RT410 performs its clock and data recovery function by detecting the bit transitions in the incoming
data stream and locking its internal VCO to the clock represented by the mean arrival times of these bit
transitions. This process produces a recovered clock with jitter which is greatly reduced for jitter frequencies
outside the bandwidth of the CDR phase-locked loop (PLL). This is the primary benefit of using the DS100RT410
in a system. It significantly reduces the jitter present in the data stream, in effect resetting the jitter budget for the
system.
7.3.5 Output Driver
The output driver is capable of driving variable output voltages with variable amounts of analog de-emphasis.
The output voltage and de-emphasis level can be configured by writing registers over the SMBus. The
DS100RT410 cannot determine independently the appropriate output voltage or de-emphasis setting, so the user
is responsible for configuring these parameters. They can be set for each channel independently.
An idealized transmit waveform with analog de-emphasis applied is listed in Figure 4.
Figure 4. Idealized De-Emphasis Waveform
7.3.6 CTLE Boost Setting
The CTLE is a four-stage amplifier with an adjustable, quasi-high-pass transfer function on each stage. The
overall frequency response of the CTLE is set by adjusting the boost of each stage independently. Each stage of
the CTLE can be set to one of four boost settings. The amount of high-frequency boost supplied by each stage
generally increases with increasing boost settings.
The CTLE can also be configured to adapt automatically to provide the optimum boost level for its input signal.
Automatic adaptation of the CTLE only is the default mode of operation for the DS100RT410.
10
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: DS100RT410


Similar Part No. - DS100RT410SQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100RT410 TI1-DS100RT410 Datasheet
556Kb / 5P
[Old version datasheet]   Low Power 10GbE Quad Channel Retimer
More results

Similar Description - DS100RT410SQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100DF410 TI1-DS100DF410 Datasheet
556Kb / 5P
[Old version datasheet]   Low Power 10GbE Quad Channel Retimer
DS100DF410 TI1-DS100DF410_15 Datasheet
1Mb / 57P
[Old version datasheet]   Low Power 10GbE Quad Channel Retimer
DS110RT410 TI1-DS110RT410_15 Datasheet
1Mb / 60P
[Old version datasheet]   Low-Power Multi-Rate Quad Channel Retimer
DS125DF410 TI1-DS125DF410 Datasheet
214Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410_15 Datasheet
1Mb / 61P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS125DF410 TI1-DS125DF410_14 Datasheet
905Kb / 45P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410 Datasheet
213Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410_14 Datasheet
899Kb / 45P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS100DF410 TI-DS100DF410 Datasheet
893Kb / 43P
[Old version datasheet]   DS100DF410 Low Power 10GbE Quad Channel Retimer
DS125RT410 TI1-DS125RT410_15 Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power Multi-Rate Quad Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com