Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS125MB203SQ Datasheet(PDF) 9 Page - Texas Instruments

Part # DS125MB203SQ
Description  Low-Power 12.5-Gbps Dual-Lane 2:1/1:2 Mux/Buffer
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS125MB203SQ Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS125MB203SQ Datasheet HTML 5Page - Texas Instruments DS125MB203SQ Datasheet HTML 6Page - Texas Instruments DS125MB203SQ Datasheet HTML 7Page - Texas Instruments DS125MB203SQ Datasheet HTML 8Page - Texas Instruments DS125MB203SQ Datasheet HTML 9Page - Texas Instruments DS125MB203SQ Datasheet HTML 10Page - Texas Instruments DS125MB203SQ Datasheet HTML 11Page - Texas Instruments DS125MB203SQ Datasheet HTML 12Page - Texas Instruments DS125MB203SQ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
9
DS125MB203
www.ti.com
SNLS432C – OCTOBER 2012 – REVISED DECEMBER 2015
Product Folder Links: DS125MB203
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Electrical Characteristics (continued)
See
(1)(2).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(4)
Propagation Delay measurements will change slightly based on the level of EQ selected. EQ = 00 will result in the shortest propagation
delays.
Vtx-de-ratio_6
TX de-emphasis ratio
VOD = 1.0 Vp-p,
DEM_x[1:0] = F, 0
–6
dB
tTX-DJ
Deterministic jitter
VID = 800 mV, PRBS15 pattern, 8.0 0.05 Gbps,
VOD = 1.0 V, UIpp EQ = 0x00, DE = 0 dB (no input
or output trace loss)
0.05
UIpp
tTX-RJ
Random jitter
VID = 800 mV, 0101 pattern, 8.0 Gbps, 0.3
VOD = 1.0 V, ps RMS EQ = 0x00, DE = 0 dB, (no
input or output trace loss)
0.3
ps RMS
TTX-RISE-FALL
TX rise/fall time
20% to 80% of differential output voltage
35
45
ps
TRF-MISMATCH
TX rise/fall mismatch
20% to 80% of differential output voltage
0.01
0.1
UI
RLTX-DIFF
TX Differential return
loss
0.05 - 7.5 GHz
–15
dB
7.5 - 15 GHz
–5
dB
RLTX-CM
TX common-mode
return loss
0.05 - 5 GHz
–10
dB
ZTX-DIFF-DC
DC differential TX
impedance
100
VTX-CM-AC-PP
TX AC common-mode
voltage
VOD = 1.0 Vp-p,
DEM_x[1:0] = R, F
100
mVpp
ITX-SHORT
TX short circuit
current limit
Total current the transmitter can supply when shorted
to VDD or GND
20
mA
VTX-CM-DC-
ACTIVE-IDLE-DELTA
Absolute delta of DC
common-mode
voltage during L0 and
electrical idle
100
mV
VTX-CM-DC-LINE-
DELTA
Absolute delta of DC
common-mode
voltage between TX+
and TX–
25
mV
TTX-IDLE-DATA
Max time to transition
to differential DATA
signal after IDLE
VID = 1 Vp-p, 8 Gbps
3.5
ns
TTX-DATA-IDLE
Max time to transition
to IDLE after
differential DATA
signal
VID = 1 Vp-p, 8 Gbps
6.2
ns
TPLHD/PHLD
High-to-low and low-
to-high differential
propagation delay
EQ = 00(4)
200
ps
TLSK
Lane-to-lane skew
T = 25°C, VDD = 2.5 V
25
ps
TPPSK
Part-to-part
propagation delay
skew
T = 25°C, VDD = 2.5 V
40
ps
TMUX-SWITCH
Mux/switch time
100
ns
EQUALIZATION
DJE1
Residual deterministic
jitter at 12 Gbps
30-inch 4-mils FR4, VID = 0.6 Vp-p, PRBS15,
EQ = 07'h, DEM = 0 dB
0.18
UI
DJE2
Residual deterministic
jitter at 8 Gbps
30-inch 4-mils FR4, VID = 0.6 Vp-p, PRBS15,
EQ = 07'h, DEM = 0 dB
0.11
UI
DJE3
Residual deterministic
jitter at 5 Gbps
30-inch 4-mils FR4, VID = 0.6 Vp-p, PRBS15,
EQ = 07'h, DEM = 0 dB
0.07
UI
DJE4
Residual deterministic
jitter at 12 Gbps
5 meters 30 awg cable, VID = 0.6 Vp-p, PRBS15,
EQ = 07'h, DEM = 0 dB
0.25
UI


Similar Part No. - DS125MB203SQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125MB203SQ TI1-DS125MB203SQ Datasheet
1Mb / 48P
[Old version datasheet]   Low-Power 12.5-Gbps Dual-Lane 2:1/1:2 Mux/Buffer With Equalization and De-Emphasis
DS125MB203SQE TI1-DS125MB203SQE Datasheet
1Mb / 48P
[Old version datasheet]   Low-Power 12.5-Gbps Dual-Lane 2:1/1:2 Mux/Buffer With Equalization and De-Emphasis
More results

Similar Description - DS125MB203SQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100MB203 TI1-DS100MB203_15 Datasheet
1Mb / 54P
[Old version datasheet]   10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer
DS125MB203SQ TI1-DS125MB203SQ Datasheet
1Mb / 48P
[Old version datasheet]   Low-Power 12.5-Gbps Dual-Lane 2:1/1:2 Mux/Buffer With Equalization and De-Emphasis
DS100MB201 TI1-DS100MB201_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS100MB201 TI1-DS100MB201 Datasheet
352Kb / 22P
[Old version datasheet]   DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS40MB200 TI1-DS40MB200_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual 4-Gbps 2:1/1:2 CML MUX/Buffer
DS100MB203 TI1-DS100MB203 Datasheet
430Kb / 33P
[Old version datasheet]   10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
DS42MB100 TI1-DS42MB100_16 Datasheet
1Mb / 25P
[Old version datasheet]   4.25-Gbps 2:1/1:2 CML MUX/Buffer
DS64MB201 TI1-DS64MB201_13 Datasheet
2Mb / 32P
[Old version datasheet]   Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
DS64MB201 TI1-DS64MB201 Datasheet
1Mb / 28P
[Old version datasheet]   DS64MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
logo
National Semiconductor ...
DS15MB200_0605 NSC-DS15MB200_0605 Datasheet
591Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com