Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS100MB203 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DS100MB203
Description  10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS100MB203 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS100MB203 Datasheet HTML 4Page - Texas Instruments DS100MB203 Datasheet HTML 5Page - Texas Instruments DS100MB203 Datasheet HTML 6Page - Texas Instruments DS100MB203 Datasheet HTML 7Page - Texas Instruments DS100MB203 Datasheet HTML 8Page - Texas Instruments DS100MB203 Datasheet HTML 9Page - Texas Instruments DS100MB203 Datasheet HTML 10Page - Texas Instruments DS100MB203 Datasheet HTML 11Page - Texas Instruments DS100MB203 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
8
DS100MB203
SNLS396D – JANUARY 2012 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: DS100MB203
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
Typical values represent most likely parametric norms at VDD = 2.5V, TA = 25°C., and at the Recommended Operation Conditions at
the time of product characterization and are not ensured.
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
In GEN3 mode, the output VOD level is not fixed. It will be adjusted automatically based on the VID input amplitude level. The output
VOD level set by DEM_x[1:0] in GEN3 mode is dependent on the VID level and the frequency content. The DS100MB203 repeater in
GEN3 mode is designed to be transparent, so the TX-FIR (de-emphasis) is passed to the RX to support the PCIe GEN3 handshake
negotiation link training.
6.5 Electrical Characteristics
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER
PD
Power dissipation
EQ Enabled, VOD = 1 Vp-p,
RESET = 0
VDD = 2.5-V supply
390
499
mW
VIN = 3.3-V supply
515
684
mW
LVCMOS / LVTTL DC SPECIFICATIONS
Vih
High-level input
voltage
2
VDD
V
Vil
Low-level input
voltage
0
0.8
V
Voh
High-level output
voltage (ALL_DONE
pin)
Ioh= −4mA
2
V
Vol
Low-level output
voltage (ALL_DONE
pin)
Iol= 4mA
0.4
V
Iih
Input high current
(RESET pin)
VIN = 3.6 V,
LVCMOS = 3.6 V
–15
15
µA
Input high current
with internal resistors
(4–level input pin)
VIN = 3.6 V,
LVCMOS = 3.6 V
20
150
µA
Iil
Input low current
(RESET pin)
VIN = 3.6 V,
LVCMOS = 0 V
–15
15
µA
Input low current with
internal resistors
(4–level input pin)
VIN = 3.6 V,
LVCMOS = 0 V
–160
–40
µA
CML RECEIVER INPUTS (IN_n+, IN_n–)
RLrx-diff
RX differential return
loss
0.05 - 1.25 GHz
–16
dB
1.25 - 2.5 GHz
–16
dB
2.5 - 4.0 GHz
–14
dB
RLrx-cm
RX common-mode
return loss
0.05 - 2.5 GHz
–12
dB
2.5 - 4.0 GHz
–8
dB
Zrx-dc
RX DC common-
mode impedance
Tested at VDD = 2.5 V
40
50
60
Zrx-diff-dc
RX DC differntial
mode impedance
Tested at VDD = 2.5 V
80
100
120
Vrx-signal-det-
diff-pp
Signal detect assert
level for active data
signal
0101 pattern at 8 Gbps
180
mVp-p
Vrx-idle-det-diff-
pp
Signal detect de-
assert level for
electrical idle
0101 pattern at 8 Gbps
110
mVp-p
HIGH-SPEED OUTPUTS
Vtx-diff-pp
Output voltage
differential swing
Differential measurement with OUT_n+ and OUT_n-,
terminated by 50
Ω to GND,
AC-Coupled, VID = 1 Vp-p,
DEM_x[1:0] = R, F(3)
0.8
1
1.2
Vp-p
Vtx-de-ratio_3.5
TX de-emphasis ratio
VOD = 1 Vp-p,
DEM_x[1:0] = R, F
–3.5
dB


Similar Part No. - DS100MB203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100MB203 TI1-DS100MB203 Datasheet
430Kb / 33P
[Old version datasheet]   10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
DS100MB203SQ TI1-DS100MB203SQ Datasheet
430Kb / 33P
[Old version datasheet]   10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
DS100MB203SQE TI1-DS100MB203SQE Datasheet
430Kb / 33P
[Old version datasheet]   10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
More results

Similar Description - DS100MB203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100MB203 TI1-DS100MB203 Datasheet
430Kb / 33P
[Old version datasheet]   10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
DS125MB203 TI1-DS125MB203_15 Datasheet
1Mb / 54P
[Old version datasheet]   Low-Power 12.5-Gbps Dual-Lane 2:1/1:2 Mux/Buffer
DS100MB201 TI1-DS100MB201_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS100MB201 TI1-DS100MB201 Datasheet
352Kb / 22P
[Old version datasheet]   DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS40MB200 TI1-DS40MB200_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual 4-Gbps 2:1/1:2 CML MUX/Buffer
DS42MB100 TI1-DS42MB100_16 Datasheet
1Mb / 25P
[Old version datasheet]   4.25-Gbps 2:1/1:2 CML MUX/Buffer
DS64MB201 TI1-DS64MB201_13 Datasheet
2Mb / 32P
[Old version datasheet]   Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
DS125MB203SQ TI1-DS125MB203SQ Datasheet
1Mb / 48P
[Old version datasheet]   Low-Power 12.5-Gbps Dual-Lane 2:1/1:2 Mux/Buffer With Equalization and De-Emphasis
DS64MB201 TI1-DS64MB201 Datasheet
1Mb / 28P
[Old version datasheet]   DS64MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
logo
National Semiconductor ...
DS15MB200_0605 NSC-DS15MB200_0605 Datasheet
591Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com