Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS3220 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS3220
Description  USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS3220 Datasheet(HTML) 9 Page - Texas Instruments

Back Button HD3SS3220 Datasheet HTML 5Page - Texas Instruments HD3SS3220 Datasheet HTML 6Page - Texas Instruments HD3SS3220 Datasheet HTML 7Page - Texas Instruments HD3SS3220 Datasheet HTML 8Page - Texas Instruments HD3SS3220 Datasheet HTML 9Page - Texas Instruments HD3SS3220 Datasheet HTML 10Page - Texas Instruments HD3SS3220 Datasheet HTML 11Page - Texas Instruments HD3SS3220 Datasheet HTML 12Page - Texas Instruments HD3SS3220 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
VOUTp0
VIN
VOUTn0
VOUT
50%
50%
50%
50%
tP1
tP2
50%
tSK(O)
t3
t4
t1
t2
VOUTp1
VOUTn1
HD3SS3220
www.ti.com
SLLSES1 – DECEMBER 2015
Figure 3. Timing Diagrams and Test Setup
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: HD3SS3220


Similar Part No. - HD3SS3220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3220 TI1-HD3SS3220 Datasheet
1,003Kb / 43P
[Old version datasheet]   HD3SS3220 USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
HD3SS3220I TI1-HD3SS3220I Datasheet
1,003Kb / 43P
[Old version datasheet]   HD3SS3220 USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
HD3SS3220 TI1-HD3SS3220_15 Datasheet
1,003Kb / 43P
[Old version datasheet]   HD3SS3220 USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
More results

Similar Description - HD3SS3220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3220 TI1-HD3SS3220_15 Datasheet
1,003Kb / 43P
[Old version datasheet]   HD3SS3220 USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
logo
Silicon Mitus, Inc.
SM5514B SILICONMITUS-SM5514B Datasheet
626Kb / 2P
   USB Type-C Port Protection IC with 2:1 MUX High-Speed Switch
March 2019 Rev. 1.0.2
logo
ON Semiconductor
FUSB15200 ONSEMI-FUSB15200 Datasheet
264Kb / 23P
   Dual Port USB Type-C & PD Controller for Sink and DRP Applications
March, 2022 - Rev. 0
logo
Texas Instruments
TUSB542 TI1-TUSB542 Datasheet
1Mb / 23P
[Old version datasheet]   USB Type-C 5 Gbps Redriver 2:1 MUX
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
   USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
   USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
logo
Pericom Semiconductor C...
PI3USB304 PERICOM-PI3USB304 Datasheet
1Mb / 9P
   3.3V USB 3.0 SuperSpeed Dual 2:1 Mux/DeMux Switch with Enable
logo
Cypress Semiconductor
CCG3 CYPRESS-CCG3 Datasheet
1,021Kb / 45P
   USB Type-C Port Controller
logo
Kinetic Technologies.
MCDP9000 KINETIC-MCDP9000 Datasheet
181Kb / 5P
   USB Type-C Port Controller
June 2022 - Revision 04c
logo
Cypress Semiconductor
CCG2 CYPRESS-CCG2 Datasheet
2Mb / 33P
   USB Type-C Port Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com