Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS3212RKST Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS3212RKST
Description  Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS3212RKST Datasheet(HTML) 10 Page - Texas Instruments

Back Button HD3SS3212RKST Datasheet HTML 6Page - Texas Instruments HD3SS3212RKST Datasheet HTML 7Page - Texas Instruments HD3SS3212RKST Datasheet HTML 8Page - Texas Instruments HD3SS3212RKST Datasheet HTML 9Page - Texas Instruments HD3SS3212RKST Datasheet HTML 10Page - Texas Instruments HD3SS3212RKST Datasheet HTML 11Page - Texas Instruments HD3SS3212RKST Datasheet HTML 12Page - Texas Instruments HD3SS3212RKST Datasheet HTML 13Page - Texas Instruments HD3SS3212RKST Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
System/Host
controller
RX
Device/
Endpoint
RX
Device/
Endpoint
RX
Port B
Port B
Port C
Port C
0.1 F
µ
0.1 F
µ
0.1 µF
0.1 F
µ
TX
TX
TX
HD3SS3212, HD3SS3212I
SLASE74C – MAY 2015 – REVISED JANUARY 2016
www.ti.com
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The HD3SS3212 is a generic 2-channel high-speed mux/demux type of switch that can be used for routing high-
speed signals between two different locations on a circuit board. The HD3SS3212 supports several high-speed
data protocols with a differential amplitude of <1800 mVpp and a common mode voltage of <2.0 V, as with USB
3.0 and DisplayPort 1.2. The device’s one select input (SEL) pin can easily be controlled by an available GPIO
pin within a system or from a microcontroller.
The HD3SS3212 with its adaptive common mode tracking technology can support applications where the
common mode is different between the RX and TX pair. The two USB3.1 Type C connector applications show
both a host and device side. The cable between the two connectors swivels the pairs to properly route the
signals to the correct pin. The other applications are more generic because different connectors can be used.
Many interfaces require AC coupling between the transmitter and receiver. The 0402 capacitors are the preferred
option to provide AC coupling; 0603 size capacitors also work. Avoid the 0805 size capacitors and C-packs.
When placing AC coupling capacitors, symmetric placement is best. A capacitor value of 0.1 µF is best, and the
value should match for the ±signal pair. The designer should place them along the TX pairs on the system board,
which are usually routed on the top layer of the board.
The AC coupling capacitors have several placement options. Because the switch requires a bias voltage, the
designer must place the capacitors on one side of the switch. If they are placed on both sides of the switch, a
biasing voltage should be provided. Figure 4 shows a few placement options. The coupling capacitors are placed
between the switch and endpoint. In this situation, the switch is biased by the system/host controller.
Figure 4. AC Coupling Capacitors between Switch TX and Endpoint TX
In Figure 5, the coupling capacitors are placed on the host transmit pair and endpoint transmit pair. In this
situation, the switch on top is biased by the endpoint and the lower switch is biased by the host controller.
10
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Product Folder Links: HD3SS3212 HD3SS3212I


Similar Part No. - HD3SS3212RKST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3212RKST TI1-HD3SS3212RKST Datasheet
1Mb / 26P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212RKSTQ1 TI1-HD3SS3212RKSTQ1 Datasheet
1Mb / 25P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
More results

Similar Description - HD3SS3212RKST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3212 TI1-HD3SS3212 Datasheet
1Mb / 26P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3202 TI1-HD3SS3202 Datasheet
1Mb / 25P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212 TI-HD3SS3212_15 Datasheet
1Mb / 25P
[Old version datasheet]   HD3SS3212x Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212 Datasheet
4Mb / 26P
[Old version datasheet]   TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
HD3SS3212-Q1 TI1-HD3SS3212-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212_V01 Datasheet
5Mb / 30P
[Old version datasheet]   TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
   4 Differential Channel, 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
logo
ON Semiconductor
NL3HS3124A ONSEMI-NL3HS3124A Datasheet
120Kb / 7P
   3.3 V, 2 Channel, 2:1 Differential Mux/Demux
December, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com