Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS3412RUAR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS3412RUAR
Description  4-Channel High-Performance Differential Switch
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS3412RUAR Datasheet(HTML) 4 Page - Texas Instruments

  HD3SS3412RUAR Datasheet HTML 1Page - Texas Instruments HD3SS3412RUAR Datasheet HTML 2Page - Texas Instruments HD3SS3412RUAR Datasheet HTML 3Page - Texas Instruments HD3SS3412RUAR Datasheet HTML 4Page - Texas Instruments HD3SS3412RUAR Datasheet HTML 5Page - Texas Instruments HD3SS3412RUAR Datasheet HTML 6Page - Texas Instruments HD3SS3412RUAR Datasheet HTML 7Page - Texas Instruments HD3SS3412RUAR Datasheet HTML 8Page - Texas Instruments HD3SS3412RUAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
HD3SS3412
SLAS828E – FEBRUARY 2012 – REVISED JANUARY 2016
www.ti.com
5 Description continued
The HD3SS3412 is a generic 4-CH high-speed MUX/de-MUX type of switch that can be used for routing high-
speed signals between two different locations on a circuit board. Although it was designed specifically to address
PCI Express Gen III applications, the HD3SS3412 will also support several other high-speed data protocols with
a differential amplitude of <1800 mVpp and a common-mode voltage of < 2.0 V, as with USB 3.0 and DisplayPort
1.2. The device’s one select input (SEL) pin can easily be controlled by an available GPIO pin within a system or
from a microcontroller.
4
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: HD3SS3412


Similar Part No. - HD3SS3412RUAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3412RUAR TI-HD3SS3412RUAR Datasheet
864Kb / 18P
[Old version datasheet]   4-Channel High-Performance Differential Switch
More results

Similar Description - HD3SS3412RUAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3412A TI1-HD3SS3412A Datasheet
1Mb / 26P
[Old version datasheet]   4-Channel High-Performance Differential Switch
HD3SS3412 TI-HD3SS3412 Datasheet
864Kb / 18P
[Old version datasheet]   4-Channel High-Performance Differential Switch
HD3SS3415 TI1-HD3SS3415 Datasheet
821Kb / 16P
[Old version datasheet]   4-Channel High-Performance Differential Switch
logo
Analog Devices
ADAU1962 AD-ADAU1962 Datasheet
690Kb / 48P
   12-Channel, High Performance Differential Output DAC
ADAU1966 AD-ADAU1966_16 Datasheet
2Mb / 52P
   16-Channel High Performance Differential Output DAC
logo
Pericom Semiconductor C...
PI6C49S1504 PERICOM-PI6C49S1504 Datasheet
1Mb / 10P
   High Performance Selectable 1:4 Differential Fanout Buffer
logo
List of Unclassifed Man...
P7350 ETC2-P7350 Datasheet
1Mb / 4P
   High-performance Differential Probes
logo
New Jersey Semi-Conduct...
2N3728 NJSEMI-2N3728 Datasheet
197Kb / 2P
   NPN HIGH PERFORMANCE DIFFERENTIAL AMPLIFIERS
logo
Pericom Semiconductor C...
PI6C49S1510 PERICOM-PI6C49S1510 Datasheet
3Mb / 16P
   High Performance Differential Fanout Buffer
logo
Microchip Technology
DSC12X2 MICROCHIP-DSC12X2 Datasheet
918Kb / 32P
   High Performance Differential MEMS Oscillators
08/15/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com