Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8574ADGVRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8574ADGVRG4
Description  Remote 8-Bit I/O Expander
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCF8574ADGVRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCF8574ADGVRG4 Datasheet HTML 2Page - Texas Instruments PCF8574ADGVRG4 Datasheet HTML 3Page - Texas Instruments PCF8574ADGVRG4 Datasheet HTML 4Page - Texas Instruments PCF8574ADGVRG4 Datasheet HTML 5Page - Texas Instruments PCF8574ADGVRG4 Datasheet HTML 6Page - Texas Instruments PCF8574ADGVRG4 Datasheet HTML 7Page - Texas Instruments PCF8574ADGVRG4 Datasheet HTML 8Page - Texas Instruments PCF8574ADGVRG4 Datasheet HTML 9Page - Texas Instruments PCF8574ADGVRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
0
5
10
15
20
25
0.0
0.1
0.2
0.3
0.4
0.5
0.6
VCC = 3.3 V
TA = 25°C
TA = 85°C
TA = −40°C
VOL (V)
0
5
10
15
20
25
30
35
0.0
0.1
0.2
0.3
0.4
0.5
0.6
VCC = 5 V
TA = −40ºC
TA = 25ºC
TA = 85ºC
VOL (V)
0
10
20
30
40
50
60
70
80
90
100
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
fSCL = 100 kHz
All I/Os unloaded
Supply Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0.0
0.1
0.2
0.3
0.4
0.5
0.6
VCC = 2.5 V
TA = −40ºC
TA = 25ºC
TA = 85ºC
Vol (V)
0
10
20
30
40
50
60
70
80
90
−50 −25
0
25
50
75 100 125
Temperature ( °C)
SCL = VCC
All I/Os unloaded
VCC = 5 V
VCC = 3.3 V
VCC = 2.5 V
0
20
40
60
80
100
120
−50 −25
0
25
50
75
100 125
Temperature (°C)
fSCL = 100 kHz
All I/Os unloaded
VCC = 5 V
VCC = 3.3 V
VCC = 2.5 V
PCF8574A
SCPS069F – JULY 2001 – REVISED NOVEMBER 2015
www.ti.com
6.8 Typical Characteristics
TA = 25°C (unless otherwise noted)
Figure 1. Supply Current vs Temperature
Figure 2. Standby Supply Current vs Temperature
Figure 4. I/O Sink Current vs Output Low Voltage
Figure 3. Supply Current vs Supply Voltage
Figure 5. I/O Sink Current vs Output Low Voltage
Figure 6. I/O Sink Current vs Output Low Voltage
6
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: PCF8574A


Similar Part No. - PCF8574ADGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCF8574ADGVRG4 TI-PCF8574ADGVRG4 Datasheet
771Kb / 21P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574ADGVRG4 TI-PCF8574ADGVRG4 Datasheet
683Kb / 21P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
More results

Similar Description - PCF8574ADGVRG4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E Datasheet
170Kb / 20P
   Remote 16-bit I/O Expander
January, 2016 ??Rev. 4
PCA9655E ONSEMI-PCA9655E_17 Datasheet
171Kb / 20P
   Remote 16-bit I/O Expander
March, 2017 ??Rev. 5
logo
Texas Instruments
PCF8574 TI-PCF8574_07 Datasheet
943Kb / 23P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574 TI1-PCF8574_15 Datasheet
1Mb / 36P
[Old version datasheet]   Remote 8-Bit I/O Expander for I2C Bus
PCF8574A TI-PCF8574A_05 Datasheet
771Kb / 21P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
logo
List of Unclassifed Man...
HLF8574 ETC-HLF8574 Datasheet
1Mb / 12P
   Remote 8-bit I/O expander for I2C-bus
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574 Datasheet
156Kb / 24P
   Remote 8-bit I/O expander for I2C-bus
1997 Apr 02
logo
Texas Instruments
PCF8574 TI-PCF8574_10 Datasheet
959Kb / 26P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574 TI-PCF8574_08 Datasheet
1Mb / 26P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574_02 Datasheet
138Kb / 24P
   Remote 8-bit I/O expander for I2C-bus
2002 Nov 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com