Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65DP141RLJT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65DP141RLJT
Description  DisplayPort Linear Redriver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65DP141RLJT Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65DP141RLJT Datasheet HTML 7Page - Texas Instruments SN65DP141RLJT Datasheet HTML 8Page - Texas Instruments SN65DP141RLJT Datasheet HTML 9Page - Texas Instruments SN65DP141RLJT Datasheet HTML 10Page - Texas Instruments SN65DP141RLJT Datasheet HTML 11Page - Texas Instruments SN65DP141RLJT Datasheet HTML 12Page - Texas Instruments SN65DP141RLJT Datasheet HTML 13Page - Texas Instruments SN65DP141RLJT Datasheet HTML 14Page - Texas Instruments SN65DP141RLJT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
48 k
VCC
IN
ESD
VCC
48 k
ESD
Gain
Stage
+EQ
RBBDC
VBB
Self-Biasing Network
Line End Termination
VCC
VCC
ESD
IN+
R = 50
T(SE)
R = 50
T(SE)
IN-
PATTERN
L= 2"
OUT
TEST CHANNEL
CHARACTERIZATION BOARD
SN65DP141
OSCILLOSCOPE
GENERATOR
L= 2"
11
SN65DP141
www.ti.com
SLLSES6 – FEBRUARY 2016
Product Folder Links: SN65DP141
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Parameter Measurement Information (continued)
Figure 11. Transmit Side Performance Test Circuit
Figure 12. Equivalent Input Circuit
SPACE
Figure 13. 3-Level Input Biasing Network


Similar Part No. - SN65DP141RLJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 54P
[Old version datasheet]   SNx5DP149 3.4 Gbps DP to HDMI Retimer
SN65DP149RSBR TI1-SN65DP149RSBR Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
SN65DP149RSBR TI1-SN65DP149RSBR Datasheet
3Mb / 54P
[Old version datasheet]   SNx5DP149 3.4 Gbps DP to HDMI Retimer
SN65DP149RSBT TI1-SN65DP149RSBT Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
More results

Similar Description - SN65DP141RLJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
[Old version datasheet]   DisplayPort 8.1 Gbps Linear Redriver
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
   DisplayPort 20Gbps 4-lane linear redriver
PTN38003A NXP-PTN38003A Datasheet
770Kb / 55P
   Multi-protocol USB3.2 and DisplayPort linear redriver
Rev.2.1-8 December 2021
logo
Texas Instruments
TDP2004 TI1-TDP2004 Datasheet
1Mb / 29P
[Old version datasheet]   TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
logo
Pericom Semiconductor C...
PI2EQXDP101-A PERICOM-PI2EQXDP101-A Datasheet
828Kb / 11P
   1 to 1 DisplayPort ReDriver
logo
Diodes Incorporated
PI3DPX1203 DIODES-PI3DPX1203 Datasheet
3Mb / 41P
   DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
Rev 2 - 2 February 2021
logo
Texas Instruments
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
[Old version datasheet]   USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
[Old version datasheet]   USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
[Old version datasheet]   USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1146 TI1-TUSB1146 Datasheet
1Mb / 66P
[Old version datasheet]   TUSB1146 USB Type-C??DisplayPort??Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com