Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD11-HT Datasheet(PDF) 1 Page - Texas Instruments

Part # SN65HVD11-HT
Description  3.3-V RS-485 Transceiver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD11-HT Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD11-HT_15 Datasheet HTML 1Page - Texas Instruments SN65HVD11-HT_15 Datasheet HTML 2Page - Texas Instruments SN65HVD11-HT_15 Datasheet HTML 3Page - Texas Instruments SN65HVD11-HT_15 Datasheet HTML 4Page - Texas Instruments SN65HVD11-HT_15 Datasheet HTML 5Page - Texas Instruments SN65HVD11-HT_15 Datasheet HTML 6Page - Texas Instruments SN65HVD11-HT_15 Datasheet HTML 7Page - Texas Instruments SN65HVD11-HT_15 Datasheet HTML 8Page - Texas Instruments SN65HVD11-HT_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
RT
RT
R
A
B
R RE DE D
D
R
A
B
R RE DE D
D
R
D
R
RE
DE
D
A
B
R
D
R
RE
DE
D
A
B
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
SN65HVD11-HT
SLLS934F – NOVEMBER 2008 – REVISED NOVEMBER 2015
SN65HVD11-HT 3.3-V RS-485 Transceiver
1 Features
2 Applications
1
Operates With a 3.3-V Supply
Down-Hole Drilling
Bus-Pin ESD Protection Exceeds 16-kV Human-
High Temperature Environments
Body Model (HBM)
Digital Motor Controls
1/8 Unit-Load Option Available (up to 256 Nodes
Utility Meters
on Bus)
Chassis-to-Chassis Interconnects
Optional Driver Output Transition Times for
Electronic Security Stations
Signaling Rates (1) of 1 Mbps, 10 Mbps, and
Industrial Process Controls
32 Mbps
Building Automation
Based on ANSI TIA/EIA-485-A
Point-of-Sale (POS) Terminals and Networks
Bus-Pin Short Circuit Protection From
–7 V to 12 V
3 Description
Open-Circuit, Idle-Bus, and Shorted-Bus Fail-Safe
The SN65HVD11-HT device combines a 3-state
Receiver
differential line driver and differential input line
Glitch-Free Power-Up and Power-Down Protection
receiver that operates with a single 3.3-V power
for Hot-Plugging Applications
supply. It is designed for balanced transmission lines
and meets or exceeds ANSI TIA/EIA-485-A and ISO
SN75176 Footprint
8482:1993, with the exception that the thermal
Supports Extreme Temperature Applications:
shutdown is removed. This differential bus transceiver
Controlled Baselines
is
a
monolithic
integrated
circuit
designed
for
bidirectional data communication on multipoint bus-
One Assembly and Test Sites
transmission lines. The driver and receiver have
One Fabrication Sites
active-high and active-low enables, respectively, that
Available in Extreme (–55°C/210°C)
can be externally connected together to function as
Temperature Range (2)
direction control.
Extended Product Life Cycles
The driver differential outputs and receiver differential
Extended Product-Change Notifications
inputs connect internally to form a differential input/
output (I/O) bus port that is designed to offer
Product Traceability
minimum loading to the bus when the driver is
Texas Instruments' High Temperature
disabled or VCC = 0.
Products Use Highly Optimized Silicon (Die)
Solutions With Design and Process
Device Information(1)
Enhancements to Maximize Performance Over
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Extended Temperatures.
SOIC (8)
4.90 mm × 3.91 mm
CFP (8) (2)
6.90 mm × 5.65 mm
SN65HVD11-HT
CFP (8) (3)
6.90 mm × 5.65 mm
CDIP SB (8)
11.81 mm × 7.49 mm
(1) For all available packages, see the orderable addendum at
(1)
The signaling rate of a line is the number of voltage
the end of the data sheet.
transitions that are made per second expressed in the units
(2) HKJ Package
bits per second (bps).
(3) HKQ Package
(2)
Custom temperature ranges available
Typical Application Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN65HVD11-HT_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD11-HT TI1-SN65HVD11-HT Datasheet
588Kb / 30P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVER
More results

Similar Description - SN65HVD11-HT_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD11-HT TI1-SN65HVD11-HT Datasheet
588Kb / 30P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVER
SN75HVD11DR TI-SN75HVD11DR Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10 TI-SN65HVD10_08 Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD11DR TI-SN65HVD11DR Datasheet
559Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI1-SN65HVD10-EP_14 Datasheet
691Kb / 26P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
logo
Analog Devices
ADM3493 AD-ADM3493 Datasheet
331Kb / 12P
   3.3 V Slew Rate Limited, Half Duplex RS-485/RS-422 Transceiver
REV. 0
ADM3493 AD-ADM3493_15 Datasheet
341Kb / 12P
   3.3 V Slew Rate Limited, Half Duplex RS-485/RS-422 Transceiver
Rev. 0
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
   RS-485 TRANSCEIVER
logo
Texas Instruments
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com