Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD265 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD265
Description  Turbo CAN Transceivers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD265 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65HVD265 Datasheet HTML 7Page - Texas Instruments SN65HVD265 Datasheet HTML 8Page - Texas Instruments SN65HVD265 Datasheet HTML 9Page - Texas Instruments SN65HVD265 Datasheet HTML 10Page - Texas Instruments SN65HVD265 Datasheet HTML 11Page - Texas Instruments SN65HVD265 Datasheet HTML 12Page - Texas Instruments SN65HVD265 Datasheet HTML 13Page - Texas Instruments SN65HVD265 Datasheet HTML 14Page - Texas Instruments SN65HVD265 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
RL
CANH
CANL
TXD
CL
VO
CL_RXD
RXD
S
VI
0V
5 x tBIT
TXD
RXD
VOH
VOL
70%
70%
30%
tBIT
30%
tLOOP
30%
tREC
VI
0V
CANH
CANL
TXD
CL
CL_RXD
RXD
S
VI
0 V
tPROP(LOOP1)
TXD
RXD
VOH
VOL
VCC
0 V
50%
50%
VO
RL
tPROP(LOOP2)
SN65HVD265, SN65HVD266, SN65HVD267
www.ti.com
SLLSEI3A – SEPTEMBER 2013 – REVISED NOVEMBER 2015
Parameter Measurement Information (continued)
Table 1. Receiver Differential Input Voltage Threshold Test
INPUT
OUTPUT
VCANH
VCANL
|VID|
RXD
-1.1V
-2.0 V
900 mV
L
VOL
7.0 V
6.1 V
900 mV
L
-1.5 V
-2.0 V
500 mV
H
7.0 V
6.5 V
500 mV
H
VOH
Open
Open
X
H
Figure 7. TPROP(LOOP) Test Circuit and Measurement
Note: tLOOP is equivalent to tPROP(LOOP) from CAN timing.
Figure 8. Loop Delay Symmetry Test Circuit and Measurement
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN65HVD265 SN65HVD266 SN65HVD267


Similar Part No. - SN65HVD265

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD2 TI-SN65HVD2 Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20 Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20 Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20 Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD20 TI-SN65HVD20 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
More results

Similar Description - SN65HVD265

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD256DR TI-SN65HVD256DR Datasheet
909Kb / 28P
[Old version datasheet]   Turbo CAN Transceivers for Higher Data Rates and Large Networks Including Features
TCAN330 TI1-TCAN330 Datasheet
1Mb / 39P
[Old version datasheet]   CAN Transceivers
SN65HVD252 TI1-SN65HVD252_13 Datasheet
804Kb / 18P
[Old version datasheet]   DeviceNet CAN Transceivers
SN65HVD252 TI1-SN65HVD252 Datasheet
585Kb / 17P
[Old version datasheet]   DeviceNet??CAN Transceivers
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230QDRG4Q1 TI-SN65HVD230QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233_08 Datasheet
468Kb / 26P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com