Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75DP149RSBR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP149RSBR
Description  3.4 Gbps DP to HDMI Retimer
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75DP149RSBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75DP149RSBR Datasheet HTML 3Page - Texas Instruments SN75DP149RSBR Datasheet HTML 4Page - Texas Instruments SN75DP149RSBR Datasheet HTML 5Page - Texas Instruments SN75DP149RSBR Datasheet HTML 6Page - Texas Instruments SN75DP149RSBR Datasheet HTML 7Page - Texas Instruments SN75DP149RSBR Datasheet HTML 8Page - Texas Instruments SN75DP149RSBR Datasheet HTML 9Page - Texas Instruments SN75DP149RSBR Datasheet HTML 10Page - Texas Instruments SN75DP149RSBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
SN65DP149, SN75DP149
www.ti.com
SLLSEL2A – SEPTEMBER 2015 – REVISED DECEMBER 2015
7.4 Thermal Information
over operating free-air temperature range (unless otherwise noted)
SNx5DP149
THERMAL METRIC(1)
RSB (WQFN)
UNIT
40 PINS
RθJA
Junction-to-ambient thermal resistance
37.3
°C/W
RθJB
Junction-to-board thermal resistance (High-K board(2))
9.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance (High-K board(2))
23.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.2
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-case (bottom) thermal resistance
3.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Test conditions for
ΨJB and ΨJT are clarified in TI document SPRA953, Semiconductor and IC Package Thermal Metrics.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN65DP149 SN75DP149


Similar Part No. - SN75DP149RSBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP149RSBR TI1-SN75DP149RSBR Datasheet
3Mb / 54P
[Old version datasheet]   SNx5DP149 3.4 Gbps DP to HDMI Retimer
More results

Similar Description - SN75DP149RSBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP149 TI1-SN65DP149_16 Datasheet
3Mb / 54P
[Old version datasheet]   SNx5DP149 3.4 Gbps DP to HDMI Retimer
SN65DP159 TI1-SN65DP159_16 Datasheet
2Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
SN65DP159 TI1-SN65DP159_15 Datasheet
1Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
[Old version datasheet]   3.4 Gbps TMDS RETIMER
logo
STMicroelectronics
STDVE001A STMICROELECTRONICS-STDVE001A Datasheet
789Kb / 49P
   Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
STDVE003A STMICROELECTRONICS-STDVE003A_08 Datasheet
702Kb / 41P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
STDVE103A STMICROELECTRONICS-STDVE103A Datasheet
685Kb / 43P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
logo
Texas Instruments
DS110DF1610 TI1-DS110DF1610 Datasheet
133Kb / 6P
[Old version datasheet]   8.5 to 11.3 Gbps 16 Channel Retimer
DS150DF1610 TI1-DS150DF1610 Datasheet
124Kb / 6P
[Old version datasheet]   12.5 to 15 Gbps 16-Channel Retimer
TMDS181 TI1-TMDS181_16 Datasheet
1Mb / 59P
[Old version datasheet]   6 Gbps TMDS Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com