Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS707 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BTS707
Description  Smart Two Channel Highside Power Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS707 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BTS707 Datasheet HTML 4Page - Infineon Technologies AG BTS707 Datasheet HTML 5Page - Infineon Technologies AG BTS707 Datasheet HTML 6Page - Infineon Technologies AG BTS707 Datasheet HTML 7Page - Infineon Technologies AG BTS707 Datasheet HTML 8Page - Infineon Technologies AG BTS707 Datasheet HTML 9Page - Infineon Technologies AG BTS707 Datasheet HTML 10Page - Infineon Technologies AG BTS707 Datasheet HTML 11Page - Infineon Technologies AG BTS707 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
BTS 707
Semiconductor Group
10
2003-Oct-01
Figure 5a: Open load, : detection in OFF-state, turn
on/off to open load
IN
ST
OUT
L
t
V
I
open
normal
t
d(ST OL3)
*)
td(ST,OL3) depends on external circuitry because of high
impedance
*) IL = 6 µA typ
Figure 5b: Open load, : detection in OFF-state, open
load occurs in off-state
IN
ST
OUT
L
t
V
I
open
normal
normal
*)
*)
OUT(OL)
V
*) IL = 6 µA typ
Figure 6a: Undervoltage:
IN
V
OUT
t
V
bb
ST open drain
V
V
bb(under)
bb(u rst)
bb(u cp)
V
Figure 6b: Undervoltage restart of charge pump
bb(under)
V
V
bb(u
V
bb(u cp)
V
bb
V
on
charge pump starts at Vbb(ucp) =5.6 V typ.


Similar Part No. - BTS707

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS707 SIEMENS-BTS707 Datasheet
162Kb / 12P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
More results

Similar Description - BTS707

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS611L1 SIEMENS-BTS611L1 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch
logo
Infineon Technologies A...
BTS611L1 INFINEON-BTS611L1 Datasheet
312Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS612N1 INFINEON-BTS612N1 Datasheet
308Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS621L1 INFINEON-BTS621L1 Datasheet
337Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
ITS621L1 INFINEON-ITS621L1 Datasheet
306Kb / 14P
   Smart Two Channel Highside Power Switch for Industrial Applications
2006-Mar-28
ITS612N1 INFINEON-ITS612N1 Datasheet
314Kb / 14P
   Smart Two Channel Highside Power Switch For Industrial Applications
2006-Mar-28
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com