Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1781QDRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1781QDRQ1
Description  Fault-Protected RS-485 Transceivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD1781QDRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVD1781QDRQ1 Datasheet HTML 2Page - Texas Instruments SN65HVD1781QDRQ1 Datasheet HTML 3Page - Texas Instruments SN65HVD1781QDRQ1 Datasheet HTML 4Page - Texas Instruments SN65HVD1781QDRQ1 Datasheet HTML 5Page - Texas Instruments SN65HVD1781QDRQ1 Datasheet HTML 6Page - Texas Instruments SN65HVD1781QDRQ1 Datasheet HTML 7Page - Texas Instruments SN65HVD1781QDRQ1 Datasheet HTML 8Page - Texas Instruments SN65HVD1781QDRQ1 Datasheet HTML 9Page - Texas Instruments SN65HVD1781QDRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
SN65HVD1780-Q1, SN65HVD1781-Q1, SN65HVD1782-Q1
SLLSE49B – SEPTEMBER 2010 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: SN65HVD1780-Q1 SN65HVD1781-Q1 SN65HVD1782-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
Driver and receiver enabled, 50% duty cycle square-wave signal at signaling rate: 1 Mbps.
6.7 Power Dissipation Ratings
PARAMETER
TEST CONDITIONS
VALUE
UNIT
PD
Power dissipation
VCC = 3.6 V, TJ = 150°C, RL = 300 Ω,
CL = 50 pF (driver), CL = 15 pF (receiver)
3.3-V supply, unterminated(1)
75
mW
VCC = 3.6 V, TJ = 150°C, RL = 100 Ω,
CL = 50 pF (driver), CL = 15 pF (receiver)
3.3-V supply, RS-422 load(1)
95
VCC = 3.6 V, TJ = 150°C, RL = 54 Ω,
CL = 50 pF (driver), CL = 15 pF (receiver)
3.3-V supply, RS-485 load(1)
115
VCC = 5.5 V, TJ = 150°C, RL = 300 Ω,
CL = 50 pF (driver), CL = 15 pF (receiver)
5-V supply, unterminated(1)
290
VCC = 5.5 V, TJ = 150°C, RL = 100 Ω,
CL = 50 pF (driver), CL = 15 pF (receiver)
5-V supply, RS-422 load(1)
320
VCC = 5.5 V, TJ = 150°C, RL = 54 Ω,
CL = 50 pF (driver), CL = 15 pF (receiver)
5-V supply, RS-485 load(1)
400
TSD
Thermal-shutdown junction temperature
170
°C


Similar Part No. - SN65HVD1781QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1781QDRQ1 TI1-SN65HVD1781QDRQ1 Datasheet
661Kb / 18P
[Old version datasheet]   Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
More results

Similar Description - SN65HVD1781QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1785 TI-SN65HVD1785 Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SU65HVD1785 TI-SU65HVD1785 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1780 TI-SN65HVD1780 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
logo
Intersil Corporation
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1792-EP TI1-SN65HVD1792-EP Datasheet
869Kb / 20P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com