Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD485EDGKR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD485EDGKR
Description  Half-Duplex RS-485 Transceiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD485EDGKR Datasheet(HTML) 3 Page - Texas Instruments

  SN65HVD485EDGKR Datasheet HTML 1Page - Texas Instruments SN65HVD485EDGKR Datasheet HTML 2Page - Texas Instruments SN65HVD485EDGKR Datasheet HTML 3Page - Texas Instruments SN65HVD485EDGKR Datasheet HTML 4Page - Texas Instruments SN65HVD485EDGKR Datasheet HTML 5Page - Texas Instruments SN65HVD485EDGKR Datasheet HTML 6Page - Texas Instruments SN65HVD485EDGKR Datasheet HTML 7Page - Texas Instruments SN65HVD485EDGKR Datasheet HTML 8Page - Texas Instruments SN65HVD485EDGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1
2
3
4
8
7
6
5
R
RE
DE
D
VCC
B
A
GND
SN65HVD485E
www.ti.com
SLLS612E – JUNE 2004 – REVISED DECEMBER 2015
5 Device Comparison Table
Improved Replacement for Devices
PART NUMBER
REPLACE WITH
BENEFITS
Better ESD protection (±15 kV versus unspecified)
ADM485
SN65HVD485E
Faster signaling rate (10 Mbps versus 5 Mbps)
More nodes on a bus (64 versus 32) Wider power supply tolerance (10% vs 5%)
More nodes on a bus (64 versus 32)
SP485E
SN65HVD485E
Wider power supply tolerance (10% versus 5%)
Higher signaling rate (10 Mbps versus 2.5 Mbps)
LMS485E
SN65HVD485E
More nodes on a bus (64 versus 32)
Wider power supply tolerance (10% versus 5%)
Higher signaling rate (10 Mbps versus 2.5 Mbps)
Better ESD (±15 kV versus ±2 kV)
DS485
SN65HVD485E
More nodes on a bus (64 versus 32)
Wider power supply tolerance (10% versus 5%)
Better ESD (±15 kV versus ±2 kV)
LTC485
SN65HVD485E
Wider power supply tolerance (10% versus 5%)
Higher signaling rate (10 Mbps versus 2.5 Mbps)
MAX485E
SN65HVD485E
More nodes on a bus (64 versus 32)
Wider power supply tolerance (10% versus 5%)
Higher signaling rate (10 Mbps versus 5 Mbps)
ST485E
SN65HVD485E
Wider power supply tolerance (10% versus 5%)
More nodes on a bus (64 versus 32)
ISL8485E
SN65HVD485E
Faster signaling rate (10 Mbps versus 5 Mbps)
6 Pin Configuration and Functions
D, DGK, P Packages
8-Pin SOIC, VSSOP, PDIP
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
A
6
Bus input/output
Driver output or receiver input (complementary to B)
B
7
Bus input/output
Driver output or receiver input (complementary to A)
D
4
Digital input
Driver data input
DE
3
Digital input
Driver enable, active high
GND
5
Reference potential
Local device ground
R
1
Digital input
Receive data output
RE
2
Digital input
Receiver enable, active low
VCC
8
Supply
4.5-V to 5.5-V supply
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN65HVD485E


Similar Part No. - SN65HVD485EDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD485EDGKR TI1-SN65HVD485EDGKR Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
SN65HVD485EDGKRG4 TI1-SN65HVD485EDGKRG4 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
More results

Similar Description - SN65HVD485EDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485E TI1-SN65HVD485E_17 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
SN65HVD485E TI-SN65HVD485E Datasheet
337Kb / 15P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
logo
Analog Devices
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483BRWZ-REEL AD-ADM2483BRWZ-REEL Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2483BRWZ AD-ADM2483BRWZ Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
logo
Maxim Integrated Produc...
MAX14781E MAXIM-MAX14781E_14 Datasheet
986Kb / 19P
   Half-Duplex RS-485 Transceiver with Polarity Correction
Rev 0; 12/13
logo
Sipex Corporation
SP483E SIPEX-SP483E_05 Datasheet
83Kb / 11P
   Enhanced Low EMI Half-Duplex RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com