Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8574APW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8574APW
Description  Remote 8-Bit I/O Expander
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCF8574APW Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCF8574APW Datasheet HTML 3Page - Texas Instruments PCF8574APW Datasheet HTML 4Page - Texas Instruments PCF8574APW Datasheet HTML 5Page - Texas Instruments PCF8574APW Datasheet HTML 6Page - Texas Instruments PCF8574APW Datasheet HTML 7Page - Texas Instruments PCF8574APW Datasheet HTML 8Page - Texas Instruments PCF8574APW Datasheet HTML 9Page - Texas Instruments PCF8574APW Datasheet HTML 10Page - Texas Instruments PCF8574APW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
0
50
100
150
200
250
300
350
−50 −25
0
25
50
75 100 125
Temperature (ºC)
VCC = 5 V
VCC = 3.3 V
VCC = 2.5 V
0
5
10
15
20
25
30
35
40
45
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7
VCC = 3.3 V
TA = −40ºC
TA = 25ºC
TA = 85ºC
VCC − VOH (V)
0
5
10
15
20
25
30
35
40
45
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7
VCC = 5 V
TA = −40ºC
TA = 85ºC
TA = 25ºC
VCC − VOH (V)
0
100
200
300
400
500
600
−50 −25
0
25
50
75 100 125
Temperature (°C)
VCC = 5 V, ISINK = 10 mA
VCC = 2.5 V, ISINK = 10 mA
VCC = 5 V,
ISINK = 1 mA
VCC = 2.5 V,
ISINK = 1mA
0
5
10
15
20
25
30
35
40
45
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7
VCC = 2.5 V
TA = −40ºC
TA = 25ºC
TA = 85°C
VCC − VOH (V)
PCF8574A
www.ti.com
SCPS069F – JULY 2001 – REVISED NOVEMBER 2015
Typical Characteristics (continued)
TA = 25°C (unless otherwise noted)
Figure 8. I/O Source Current vs Output High Voltage
Figure 7. I/O Output Low Voltage vs Temperature
Figure 10. I/O Source Current vs Output High Voltage
Figure 9. I/O Source Current vs Output High Voltage
Figure 11. I/O High Voltage vs Temperature
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: PCF8574A


Similar Part No. - PCF8574APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCF8574APW TI-PCF8574APW Datasheet
771Kb / 21P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574APW TI-PCF8574APW Datasheet
683Kb / 21P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574APWE4 TI-PCF8574APWE4 Datasheet
771Kb / 21P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574APWE4 TI-PCF8574APWE4 Datasheet
683Kb / 21P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574APWG4 TI-PCF8574APWG4 Datasheet
771Kb / 21P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
More results

Similar Description - PCF8574APW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E Datasheet
170Kb / 20P
   Remote 16-bit I/O Expander
January, 2016 ??Rev. 4
PCA9655E ONSEMI-PCA9655E_17 Datasheet
171Kb / 20P
   Remote 16-bit I/O Expander
March, 2017 ??Rev. 5
logo
Texas Instruments
PCF8574 TI-PCF8574_07 Datasheet
943Kb / 23P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574 TI1-PCF8574_15 Datasheet
1Mb / 36P
[Old version datasheet]   Remote 8-Bit I/O Expander for I2C Bus
PCF8574A TI-PCF8574A_05 Datasheet
771Kb / 21P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
logo
List of Unclassifed Man...
HLF8574 ETC-HLF8574 Datasheet
1Mb / 12P
   Remote 8-bit I/O expander for I2C-bus
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574 Datasheet
156Kb / 24P
   Remote 8-bit I/O expander for I2C-bus
1997 Apr 02
logo
Texas Instruments
PCF8574 TI-PCF8574_10 Datasheet
959Kb / 26P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574 TI-PCF8574_08 Datasheet
1Mb / 26P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574_02 Datasheet
138Kb / 24P
   Remote 8-bit I/O expander for I2C-bus
2002 Nov 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com