Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS050DR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS050DR
Description  High-Speed Differential Line Drivers
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS050DR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65LVDS050DR Datasheet HTML 4Page - Texas Instruments SN65LVDS050DR Datasheet HTML 5Page - Texas Instruments SN65LVDS050DR Datasheet HTML 6Page - Texas Instruments SN65LVDS050DR Datasheet HTML 7Page - Texas Instruments SN65LVDS050DR Datasheet HTML 8Page - Texas Instruments SN65LVDS050DR Datasheet HTML 9Page - Texas Instruments SN65LVDS050DR Datasheet HTML 10Page - Texas Instruments SN65LVDS050DR Datasheet HTML 11Page - Texas Instruments SN65LVDS050DR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
8
SN65LVDS179, SN65LVDS180, SN65LVDS050, SN65LVDS051
SLLS301R – APRIL 1998 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: SN65LVDS179 SN65LVDS180 SN65LVDS050 SN65LVDS051
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
8.6 Driver Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOD|
Differential output voltage magnitude
RL = 100 Ω, See
Figure 11 and
Figure 12
247
340
454
mV
Δ|VOD|
Change in differential output voltage magnitude
between logic states
–50
50
VOC(SS)
Steady-state common-mode output voltage
See Figure 12
1.125
1.2
1.375
V
ΔVOC(SS)
Change in steady-state common-mode output
voltage between logic states
–50
50
mV
VOC(PP)
Peak-to-peak common-mode output voltage
50
150
mV
IIH
High-level input current
DE
VIH = 5 V
–0.5
–20
μA
D
2
20
IIL
Low-level input current
DE
VIL = 0.8 V
–0.5
–10
μA
D
2
10
IOS
Short-circuit output current
VOY or VOZ = 0 V
3
10
mA
VOD = 0 V
3
10
IO(OFF)
Off-state output current
DE = 0 V
VOY = VOZ = 0 V
–1
1
µA
DE = VCC
VOY = VOZ = 0 V
VCC < 1.5 V
CIN
Input capacitance
3
pF
(1)
All typical values are at 25°C and with a 3.3-V supply.
8.7 Receiver Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIT+
Positive-going differential input voltage threshold
See Figure 14 and
Table 2
100
mV
VIT–
Negative-going differential input voltage threshold
–100
VOH
High-level output voltage
IOH = –8 mA
2.4
V
IOH = –4 mA
2.8
VOL
Low-level output voltage
IOL = 8 mA
0.4
V
II
Input current (A or B input)
VI = 0 V
–2
–11
–20
μA
VI = 2.4 V
–1.2
–3
II(OFF)
Power-off input current (A or B input)
VCC = 0 V
±20
μA
IIH
High-level input current (enables)
VIH = 5 V
±10
μA
IIL
Low-level input current (enables)
VIL = 0.8 V
±10
μA
IOZ
High-impedance output current
VO = 0 or 5 V
±10
μA
CI
Input capacitance
5
pF


Similar Part No. - SN65LVDS050DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS050DR TI-SN65LVDS050DR Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS050DR TI-SN65LVDS050DR Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS050DR TI-SN65LVDS050DR Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS050DRG4 TI-SN65LVDS050DRG4 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS050DRG4 TI-SN65LVDS050DRG4 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - SN65LVDS050DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com