Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ43CA Datasheet(PDF) 8 Page - Texas Instruments

Part # SMBJ43CA
Description  Fault-Protected RS-485 Transceivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SMBJ43CA Datasheet(HTML) 8 Page - Texas Instruments

Back Button SMBJ43CA Datasheet HTML 4Page - Texas Instruments SMBJ43CA Datasheet HTML 5Page - Texas Instruments SMBJ43CA Datasheet HTML 6Page - Texas Instruments SMBJ43CA Datasheet HTML 7Page - Texas Instruments SMBJ43CA Datasheet HTML 8Page - Texas Instruments SMBJ43CA Datasheet HTML 9Page - Texas Instruments SMBJ43CA Datasheet HTML 10Page - Texas Instruments SMBJ43CA Datasheet HTML 11Page - Texas Instruments SMBJ43CA Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Transition Time − ns
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
V
=5V
CC
R =50
C =50pF
L
L
W,
V
=5.5V
CC
V
=4.5V
CC
V
=4V
CC
V
=3.6V
CC
V
=3.3V
CC
V
=3V
CC
0
5
10
15
20
25
30
35
-50
0
50
100
150
V
=3.3V
CC
V
=5V
CC
Temperature-(°C)
I(diff) − Differential Load Current − mA
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
0
5
10
15
20
25
30
35
40
45
50
G003
VCC = 3.15 V
VCC = 3.3 V
Load = 300 W
Load = 100 W
Load = 60 W
VCC = 5.5 V
VCC − Supply Voltage − V
−50
−40
−30
−20
−10
0
10
0
1
2
3
4
5
6
G001
TA = 25°C
DE at VCC
D at VCC
RL = 54 W
Signaling Rate − kbps
20
30
40
50
60
70
80
0
100 200 300 400 500 600 700 800 900 1000
G002
TA = 25°C
RE at VCC
DE at VCC
RL = 54 W
CL = 50 pF
VCC = 5 V
VCC = 3.3 V
8
SN65HVD1780-Q1, SN65HVD1781-Q1, SN65HVD1782-Q1
SLLSE49B – SEPTEMBER 2010 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: SN65HVD1780-Q1 SN65HVD1781-Q1 SN65HVD1782-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
6.10 Typical Characteristics
Figure 1. Driver Output Current vs Supply Voltage
Figure 2. RMS Supply Current vs Signaling Rate
Figure 3. Differential Output Voltage vs Differential Load
Current
Figure 4. SN65HVD1782 Rise and Fall Time
Figure 5. SN65HVD1780 Differential Output Amplitude and Transition Time vs Supply Voltage


Similar Part No. - SMBJ43CA

ManufacturerPart #DatasheetDescription
logo
Bytes
SMBJ43CA BYTES-SMBJ43CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
SMC Diode Solutions Co....
SMBJ43CA SMCDIODE-SMBJ43CA Datasheet
332Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. D
logo
Socay Electornics Co., ...
SMBJ43CA SOCAY-SMBJ43CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
MDE Semiconductor, Inc.
SMBJ43CA MDE-SMBJ43CA Datasheet
92Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Suntan Capacitors
SMBJ43CA SUNTAN-SMBJ43CA Datasheet
435Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMBJ43CA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1785 TI-SN65HVD1785 Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SU65HVD1785 TI-SU65HVD1785 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1780 TI-SN65HVD1780 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
logo
Intersil Corporation
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1792-EP TI1-SN65HVD1792-EP Datasheet
869Kb / 20P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com