Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS711L1 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BTS711L1
Description  Smart Four Channel Highside Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS711L1 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BTS711L1 Datasheet HTML 1Page - Infineon Technologies AG BTS711L1 Datasheet HTML 2Page - Infineon Technologies AG BTS711L1 Datasheet HTML 3Page - Infineon Technologies AG BTS711L1 Datasheet HTML 4Page - Infineon Technologies AG BTS711L1 Datasheet HTML 5Page - Infineon Technologies AG BTS711L1 Datasheet HTML 6Page - Infineon Technologies AG BTS711L1 Datasheet HTML 7Page - Infineon Technologies AG BTS711L1 Datasheet HTML 8Page - Infineon Technologies AG BTS711L1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
BTS711L1
Semiconductor Group
4
2003-Oct-01
Electrical Characteristics
Parameter and Conditions, each of the four channels
Symbol
Values
Unit
at Tj = 25 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Load Switching Capabilities and Characteristics
On-state resistance (Vbb to OUT)
IL = 1.8 A
each channel,
Tj = 25°C:
Tj = 150°C:
two parallel channels, Tj = 25°C:
four parallel channels, Tj = 25°C:
RON
--
165
320
83
42
200
400
100
50
m
Nominal load current
one channel active:
two parallel channels active:
four parallel channels active:
Device on PCB5), Ta
= 85°C, Tj ≤ 150°C
IL(NOM)
1.7
2.6
4.1
1.9
2.8
4.4
--
A
Output current while GND disconnected or pulled
up; Vbb = 30 V, VIN = 0, see diagram page 9
IL(GNDhigh)
--
--
10
mA
Turn-on time
to 90% VOUT:
Turn-off time
to 10% VOUT:
RL = 12
, Tj =-40...+150°C
ton
toff
80
80
200
200
400
400
µs
Slew rate on
10 to 30% VOUT, RL = 12
,
Tj =-40...+150°C:
dV/dton
0.1
--
1
V/
µs
Slew rate off
70 to 40% VOUT, RL = 12
,
Tj =-40...+150°C:
-dV/dtoff
0.1
--
1
V/
µs
Operating Parameters
Operating voltage7)
Tj =-40...+150°C: Vbb(on)
5.0
--
34
V
Undervoltage shutdown
Tj =-40...+150°C: Vbb(under)
3.5
--
5.0
V
Undervoltage restart
Tj =-40...+25°C:
Tj =+150°C:
Vbb(u rst)
--
--
5.0
7.0
V
Undervoltage restart of charge pump
see diagram page 14
Tj =-40...+150°C:
Vbb(ucp)
--
5.6
7.0
V
Undervoltage hysteresis
∆V
bb(under) = Vbb(u rst) - Vbb(under)
∆V
bb(under)
--
0.2
--
V
Overvoltage shutdown
Tj =-40...+150°C: Vbb(over)
34
--
43
V
Overvoltage restart
Tj =-40...+150°C: Vbb(o rst)
33
--
--
V
Overvoltage hysteresis
Tj =-40...+150°C:
∆V
bb(over)
--
0.5
--
V
Overvoltage protection8)
Tj =-40...+150°C:
I bb = 40 mA
Vbb(AZ)
42
47
--
V
7)
At supply voltage increase up to Vbb = 5.6 V typ without charge pump, VOUT ≈Vbb - 2 V
8)
see also VON(CL) in circuit diagram on page 8.


Similar Part No. - BTS711L1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS711L1 SIEMENS-BTS711L1 Datasheet
193Kb / 15P
   Smart Four Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
logo
Infineon Technologies A...
BTS711L1 INFINEON-BTS711L1 Datasheet
1Mb / 18P
   Smart Four Channel Highside Power Switch
Rev 1.2, 2010-03-16
BTS711L1 INFINEON-BTS711L1_10 Datasheet
1Mb / 18P
   Smart Four Channel Highside Power Switch
Rev 1.2, 2010-03-16
BTS711L1 INFINEON-BTS711L1_12 Datasheet
1Mb / 18P
   Smart High-Side Power Switch
Rev 1.3, 2012-01-16
More results

Similar Description - BTS711L1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS712N1 INFINEON-BTS712N1 Datasheet
360Kb / 15P
   Smart Four Channel Highside Power Switch
2004-Mar-11
BTS712N1 INFINEON-BTS712N1_10 Datasheet
1Mb / 17P
   Smart Four Channel Highside Power Switch
Rev 1.3, 2010-03-16
BTS711L1 INFINEON-BTS711L1_10 Datasheet
1Mb / 18P
   Smart Four Channel Highside Power Switch
Rev 1.2, 2010-03-16
BTS721L1 INFINEON-BTS721L1 Datasheet
360Kb / 15P
   Smart Four Channel Highside Power Switch
2003-Oct-01
ITS711L1 INFINEON-ITS711L1 Datasheet
385Kb / 16P
   Smart Four Channel Highside Power Switch for Industrial Applications
2006-Mar-23
logo
Siemens Semiconductor G...
BTS611L1 SIEMENS-BTS611L1 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch
logo
Infineon Technologies A...
BTS611L1 INFINEON-BTS611L1 Datasheet
312Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com