Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67060-S6307-A5 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # Q67060-S6307-A5
Description  Smart Sense High-Side Power Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67060-S6307-A5 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button Q67060-S6307-A5 Datasheet HTML 6Page - Infineon Technologies AG Q67060-S6307-A5 Datasheet HTML 7Page - Infineon Technologies AG Q67060-S6307-A5 Datasheet HTML 8Page - Infineon Technologies AG Q67060-S6307-A5 Datasheet HTML 9Page - Infineon Technologies AG Q67060-S6307-A5 Datasheet HTML 10Page - Infineon Technologies AG Q67060-S6307-A5 Datasheet HTML 11Page - Infineon Technologies AG Q67060-S6307-A5 Datasheet HTML 12Page - Infineon Technologies AG Q67060-S6307-A5 Datasheet HTML 13Page - Infineon Technologies AG Q67060-S6307-A5 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
BTS 640 S2
Semiconductor Group
Page 10
2003-Oct-01
Vbb disconnect with charged external
inductive load
PROFET
V
ST
IS
OUT
GND
bb
6
2
4
3
5
IN
OUT
1
7
V
bb
high
D
R
L
L
If other external inductive loads L are connected to the PROFET,
additional elements like D are necessary.
Inductive Load switch-off energy
dissipation
PROFET
IN
ST
OUT
GND
Vbb
=
E
E
E
EAS
bb
L
R
ELoad
IS
1
2
5
3
4
6
7
OUT
Vbb
Energy stored in load inductance:
EL = 1/2·L·I
2
L
While demagnetizing load inductance, the energy
dissipated in PROFET is
EAS= Ebb + EL - ER= VON(CL)·iL(t) dt,
with an approximate solution for RL > 0 Ω:
EAS=
IL· L
2·RL
·
(Vbb + |VOUT(CL)|)· ln (1+
IL·RL
|VOUT(CL)|
)


Similar Part No. - Q67060-S6307-A5

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67060-S6302-A2 SIEMENS-Q67060-S6302-A2 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch
Q67060-S6302-A3 SIEMENS-Q67060-S6302-A3 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch
Q67060-S6302-A4 SIEMENS-Q67060-S6302-A4 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch
logo
Infineon Technologies A...
Q67060-S6309 INFINEON-Q67060-S6309 Datasheet
707Kb / 16P
   Smart Highside High Current Power Switch
2003-Oct-01
More results

Similar Description - Q67060-S6307-A5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS640S2G INFINEON-BTS640S2G Datasheet
307Kb / 17P
   Smart Sense High-Side Power Switch
V1.1, 2008-19-08
ITS640S2 INFINEON-ITS640S2 Datasheet
254Kb / 14P
   Smart Sense High-Side Power Switch For Industrial Applications
2006-Mar-28
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com