Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA8418EYFPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TCA8418EYFPR
Description  I2C Controlled Keypad Scan IC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA8418EYFPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TCA8418EYFPR Datasheet HTML 5Page - Texas Instruments TCA8418EYFPR Datasheet HTML 6Page - Texas Instruments TCA8418EYFPR Datasheet HTML 7Page - Texas Instruments TCA8418EYFPR Datasheet HTML 8Page - Texas Instruments TCA8418EYFPR Datasheet HTML 9Page - Texas Instruments TCA8418EYFPR Datasheet HTML 10Page - Texas Instruments TCA8418EYFPR Datasheet HTML 11Page - Texas Instruments TCA8418EYFPR Datasheet HTML 12Page - Texas Instruments TCA8418EYFPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
0
6
12
18
24
0.0
0.1
0.2
0.3
0.4
0.5
0.6
VCCP - VOH (V)
TA = -40°C
TA = 25°C
TA = 85°C
VCC = 1.8 V
0
9
18
27
36
0.0
0.1
0.2
0.3
0.4
0.5
0.6
VCCP - VOH (V)
TA = -40°C
TA = 25°C
TA = 85°C
VCC = 2.5 V
0
30
60
90
120
-40
-15
10
35
60
85
Tem perature, TA (°C)
VCC = 1.8 V, IOL = 10 m A
VCC = 3.3 V, IOL = 10 m A
VCC = 1.8 V, IOL = 1 m A
VCC = 3.3 V, IOL = 1 m A
0
5
10
15
20
0.0
0.1
0.2
0.3
0.4
0.5
0.6
VCCP - VOH (V)
TA = -40°C
TA = 25°C
TA = 85°C
VCC = 1.65 V
0
20
40
60
80
100
120
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Output Low Voltage, VOL (V)
TA = -40°C
TA = 25°C
TA = 85°C
VCC = 3.3 V
0
20
40
60
80
100
120
140
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Output Low Voltage, VOL (V)
TA = -40°C
TA = 25°C
TA = 85°C
VCC = 3.6 V
TCA8418
www.ti.com
SCPS215E – SEPTEMBER 2009 – REVISED NOVEMBER 2015
Typical Characteristics (continued)
TA = 25°C (unless otherwise noted)
Figure 8. I/O Sink Current vs Output Low Voltage
(VCC = 3.6 V)
Figure 7. I/O Sink Current vs Output Low Voltage
(VCC = 3.3 V)
Figure 9. I/O Low Voltage vs Temperature
Figure 10. I/O Source Current vs Output High Voltage
(VCC = 1.65 V)
Figure 11. I/O Source Current vs Output High Voltage
Figure 12. I/O Source Current vs Output High Voltage
(VCC = 1.8 V)
(VCC = 2.5 V)
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TCA8418


Similar Part No. - TCA8418EYFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA8418EYFPR TI1-TCA8418EYFPR Datasheet
1Mb / 50P
[Old version datasheet]   I2C Controlled Keypad Scan IC With Integrated ESD Protection
More results

Similar Description - TCA8418EYFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA8418E TI-TCA8418E Datasheet
657Kb / 35P
[Old version datasheet]   I2C CONTROLLED KEYPAD SCAN IC WITH INTEGRATED ESD PROTECTION
TCA8418 TI-TCA8418 Datasheet
853Kb / 37P
[Old version datasheet]   I2C CONTROLLED KEYPAD SCAN IC WITH INTEGRATED ESD PROTECTION
TCA8418E TI1-TCA8418E_15 Datasheet
1Mb / 50P
[Old version datasheet]   I2C Controlled Keypad Scan IC With Integrated ESD Protection
logo
List of Unclassifed Man...
EDE1144 ETC-EDE1144 Datasheet
63Kb / 7P
   Keypad Encoder IC
logo
Sanyo Semicon Device
LC75700T SANYO-LC75700T Datasheet
133Kb / 16P
   Key Scan IC
logo
Toshiba Semiconductor
TC9290P TOSHIBA-TC9290P Datasheet
375Kb / 10P
   KEY SCAN IC
logo
Sanyo Semicon Device
LC74982W SANYO-LC74982W Datasheet
99Kb / 14P
   LCD TV Scan Converter IC
logo
Asahi Kasei Microsystem...
AK8125AV AKM-AK8125AV Datasheet
360Kb / 9P
   EMI Countermeasure Spectrum Scan Diffusion IC
logo
New Japan Radio
NJU6010 NJRC-NJU6010 Datasheet
217Kb / 13P
   24 keys input key-scan IC
logo
Asahi Kasei Microsystem...
AK8125AE AKM-AK8125AE Datasheet
363Kb / 10P
   EMI Countermeasure Spectrum Scan Diffusion IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com