Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA6507RUER Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TCA6507RUER
Description  Low-Voltage 7-Bit I2C and SMBus LED Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA6507RUER Datasheet(HTML) 5 Page - Texas Instruments

  TCA6507RUER Datasheet HTML 1Page - Texas Instruments TCA6507RUER Datasheet HTML 2Page - Texas Instruments TCA6507RUER Datasheet HTML 3Page - Texas Instruments TCA6507RUER Datasheet HTML 4Page - Texas Instruments TCA6507RUER Datasheet HTML 5Page - Texas Instruments TCA6507RUER Datasheet HTML 6Page - Texas Instruments TCA6507RUER Datasheet HTML 7Page - Texas Instruments TCA6507RUER Datasheet HTML 8Page - Texas Instruments TCA6507RUER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
TCA6507
www.ti.com
SCPS164C – MAY 2007 – REVISED JANUARY 2016
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
4.6
V
VI
Input voltage(2)
–0.5
6.5
V
VO
Output voltage(2)
6.5
V
IIK
Input clamp current
VI < 0
SCL, EN
±20
mA
IOK
Output clamp current
VO < 0 or VO > VCC
P port, SDA
±20
mA
P port
50
IOL
Continuous output low current
VO = 0 to VCC
mA
SDA
25
Continuous current through GND
250
ICC
mA
Continuous current through VCC
20
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±1000
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage of I2C registers, oscillator, and control logic
1.65
3.6
V
1.65 V
≤ VCC ≤ 1.95 V
1.3
3.6
VIH
High-level input voltage
SCL, SDA, EN
V
1.96 V
≤ VCC ≤ 3.6 V
0.7 × VCC
3.6
1.65 V
≤ VCC ≤ 1.95 V
–0.5
0.3
VIL
Low-level input voltage
SCL, SDA, EN
V
1.96 V
≤ VCC ≤ 3.6 V
–0.5
0.3 × VCC
VO
Output voltage
0
5.5
V
IOL
Low-level output current (1)
40
mA
TA
Operating free-air temperature
–40
85
°C
(1)
The total current sourced by the P port must be limited to 200 mA.
Copyright © 2007–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TCA6507


Similar Part No. - TCA6507RUER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6507RUER TI-TCA6507RUER Datasheet
693Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507RUER TI-TCA6507RUER Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
More results

Similar Description - TCA6507RUER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6507 TI-TCA6507_10 Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507 TI-TCA6507 Datasheet
693Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
logo
Intersil Corporation
ISL97677 INTERSIL-ISL97677 Datasheet
967Kb / 23P
   SMBus/I2C 8-Channel LED Driver
logo
Renesas Technology Corp
ISL97677 RENESAS-ISL97677 Datasheet
1Mb / 24P
   SMBus/I2C 8-Channel LED Driver
logo
Texas Instruments
TCA9539 TI1-TCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander
TCA9538 TI1-TCA9538 Datasheet
1Mb / 37P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander
logo
Linear Technology
LTC4311 LINER-LTC4311 Datasheet
139Kb / 12P
   Low Voltage I2C/SMBus Accelerator
logo
Texas Instruments
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
logo
NXP Semiconductors
PCA9574 NXP-PCA9574 Datasheet
180Kb / 32P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com