Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA9538DBR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9538DBR
Description  Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9538DBR Datasheet(HTML) 3 Page - Texas Instruments

  TCA9538DBR Datasheet HTML 1Page - Texas Instruments TCA9538DBR Datasheet HTML 2Page - Texas Instruments TCA9538DBR Datasheet HTML 3Page - Texas Instruments TCA9538DBR Datasheet HTML 4Page - Texas Instruments TCA9538DBR Datasheet HTML 5Page - Texas Instruments TCA9538DBR Datasheet HTML 6Page - Texas Instruments TCA9538DBR Datasheet HTML 7Page - Texas Instruments TCA9538DBR Datasheet HTML 8Page - Texas Instruments TCA9538DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
RESET
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A0
A1
P0
P1
P2
P3
GND
VCC
SDA
SCL
INT
P7
P6
P5
P4
TCA9538
www.ti.com
SCPS199C – AUGUST 2014 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
PW, DB Package
16-Pin TSSOP, SSOP
Top View
Pin Functions
PIN
DESCRIPTION
NAME
NO.
A0
1
Address input. Connect directly to VCC or ground.
A1
2
Address input. Connect directly to VCC or ground.
RESET
3
Active-low reset input. Connect to VCC through a pull-up resistor if no active connection is used.
P0
4
P-port input/output. Push-pull design structure. At power on, P0 is configured as an input.
P1
5
P-port input/output. Push-pull design structure. At power on, P1 is configured as an input.
P2
6
P-port input/output. Push-pull design structure. At power on, P2 is configured as an input.
P3
7
P-port input/output. Push-pull design structure. At power on, P3 is configured as an input.
GND
8
Ground
P4
9
P-port input/output. Push-pull design structure. At power on, P4 is configured as an input.
P5
10
P-port input/output. Push-pull design structure. At power on, P5 is configured as an input.
P6
11
P-port input/output. Push-pull design structure. At power on, P6 is configured as an input.
P7
12
P-port input/output. Push-pull design structure. At power on, P7 is configured as an input.
INT
13
Interrupt output. Connect to VCC through a pull-up resistor.
SCL
14
Serial clock bus. Connect to VCC through a pull-up resistor.
SDA
15
Serial data bus. Connect to VCC through a pull-up resistor.
VCC
16
Supply voltage
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TCA9538


Similar Part No. - TCA9538DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9534 TI1-TCA9534 Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534 TI1-TCA9534 Datasheet
1Mb / 38P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A Datasheet
514Kb / 30P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9534ADWR TI1-TCA9534ADWR Datasheet
514Kb / 30P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
More results

Similar Description - TCA9538DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
TCA9539 TI1-TCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
TCA9534 TI1-TCA9534 Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554A TI1-TCA9554A_16 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554 TI1-TCA9554_16 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
logo
NXP Semiconductors
PCA6416A NXP-PCA6416A Datasheet
2Mb / 42P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander
Rev. 1-11 September 2012
logo
Texas Instruments
TCA9534 TI1-TCA9534_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A_16 Datasheet
514Kb / 30P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com