Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA9539RTWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9539RTWR
Description  Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9539RTWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TCA9539RTWR Datasheet HTML 4Page - Texas Instruments TCA9539RTWR Datasheet HTML 5Page - Texas Instruments TCA9539RTWR Datasheet HTML 6Page - Texas Instruments TCA9539RTWR Datasheet HTML 7Page - Texas Instruments TCA9539RTWR Datasheet HTML 8Page - Texas Instruments TCA9539RTWR Datasheet HTML 9Page - Texas Instruments TCA9539RTWR Datasheet HTML 10Page - Texas Instruments TCA9539RTWR Datasheet HTML 11Page - Texas Instruments TCA9539RTWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
0.6
0.4
0.3
0.2
0.1
0.0
0.5
Output Low Voltage,
V)
V
(
OL
35
0
5
10
15
20
25
30
V
= 1.8 V
CC
TA
= 40°C
TA = 85°C
T
= 25°C
A
0.6
0.4
0.3
0.2
0.1
0.0
0.5
Output Low Voltage,
V)
V
(
OL
50
0
10
20
30
40
V
= 2.5 V
CC
TA
= 40°C
TA = 85°C
T
= 25°C
A
0.6
0.4
0.3
0.2
0.1
30
0
0.0
0.5
Output Low Voltage,
V)
V
(
OL
5
10
15
20
25
V
= 1.65 V
CC
TA
= 40°C
TA = 85°C
T
= 25°C
A
5.0
4.5
3.5 4.0
3.0
2.5
Supply Voltage, V
(V)
CC
2.0
5.5
1.5
22
0
2
4
6
8
10
12
14
16
18
20
85
35
60
10
-15
-40
4
2
6
8
10
12
14
16
18
20
22
0
Temperature,
°C)
T (
A
V
CC = 3.3 V
V
CC = 2.5 V
V
= 5 V
CC
V
= 5.5 V
CC
V
= 1.8 V
CC
V
= 1.65 V
CC
Temperature,
°C)
T (
A
85
35
60
10
–15
–40
2000
0
200
400
600
800
1000
1200
1400
1600
1800
V
= 1.8 V
CC
V
= 1.65 V
CC
V
= 2.5 V
CC
V
= 3.3 V
CC
V
= 5.5 V
CC
V
= 5 V
CC
8
TCA9539
SCPS202B – OCTOBER 2009 – REVISED OCTOBER 2015
www.ti.com
Product Folder Links: TCA9539
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
6.9 Typical Characteristics
TA = 25°C (unless otherwise noted)
Figure 1. Supply Current vs Temperature
Figure 2. Standby Supply Current vs Temperature
Figure 3. Supply Current vs Supply Voltage
Figure 4. I/O Sink Current vs Output Low Voltage
Figure 5. I/O Sink Current vs Output Low Voltage
Figure 6. I/O Sink Current vs Output Low Voltage


Similar Part No. - TCA9539RTWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9539RTWR TI-TCA9539RTWR Datasheet
778Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA9539RTWR TI1-TCA9539RTWR Datasheet
1Mb / 46P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output, Reset Pin, and Configuration Registers
More results

Similar Description - TCA9539RTWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9538 TI1-TCA9538 Datasheet
1Mb / 37P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
logo
NXP Semiconductors
PCA6416A NXP-PCA6416A Datasheet
2Mb / 42P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander
Rev. 1-11 September 2012
logo
Texas Instruments
TCA9535 TI1-TCA9535_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
PCF8575C TI-PCF8575C Datasheet
667Kb / 26P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT
TCA9535 TI1-TCA9535_17 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9535 TI-TCA9535 Datasheet
780Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
logo
Kinetic Technologies.
KTS1622 KINETIC-KTS1622 Datasheet
1Mb / 28P
   Low Voltage 16-Bit I2C-bus I/O Expander
April 2020 - Revision 04d
logo
Texas Instruments
TCA9539 TI-TCA9539 Datasheet
778Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com