Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCAN1042H Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TCAN1042H
Description  Fault Protected CAN Tranceiver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1042H Datasheet(HTML) 6 Page - Texas Instruments

Back Button TCAN1042H Datasheet HTML 2Page - Texas Instruments TCAN1042H Datasheet HTML 3Page - Texas Instruments TCAN1042H Datasheet HTML 4Page - Texas Instruments TCAN1042H Datasheet HTML 5Page - Texas Instruments TCAN1042H Datasheet HTML 6Page - Texas Instruments TCAN1042H Datasheet HTML 7Page - Texas Instruments TCAN1042H Datasheet HTML 8Page - Texas Instruments TCAN1042H Datasheet HTML 9Page - Texas Instruments TCAN1042H Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
TCAN1042H, TCAN1042HG
TCAN1042HGV, TCAN1042HV
SLLSES7 – FEBRUARY 2016
www.ti.com
Product Folder Links: TCAN1042H TCAN1042HG TCAN1042HGV TCAN1042HV
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
All typical values are at 25°C and supply voltages of VCC = 5 V and VIO = 5 V, RL = 60 Ω.
7.5 Electrical Characteristics
Over recommended operating conditions with TA = –55°C to 125°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
SUPPLY CHARACTERISTICS
ICC
5-V Supply current
Normal Mode
(Driving Dominant)
See Figure 5, TXD = 0 V, RL = 60 Ω,
CL = open, RCM = open, STB = 0 V,
Typical Bus Load
40
70
mA
See Figure 5, TXD = 0 V, RL = 50 Ω,
CL = open, RCM = open, STB = 0 V,
High Bus Load
45
80
Normal Mode
(Driving Dominant –
with bus fault)
See Figure 5, TXD = 0 V, STB = 0V,
CANH = -12V, RL = open, CL = open,
RCM = open
180
Normal Mode
(Recessive)
See Figure 5, TXD = VCC or VIO, RL =
50
Ω, CL = open, RCM = open, STB =
0V
1.5
2.5
Standby Mode
Devices with the "V" suffix (I/O Level
Shifting Devices), VCC not needed in
Standby Mode, See Figure 5, TXD =
VIO, RL = 50 Ω, CL = open, RCM =
open, STB = VIO
0.5
5
µA
Devices without the "V" suffix (5V
only), See Figure 5, TXD = VCC, RL =
50
Ω, CL = open, RCM = open, STB =
VCC
22
IIO
I/O Supply Current
Normal Mode
RXD floating, TXD = STB = 0 or 5.5 V
90
300
Standby Mode
RXD floating, TXD = STB = VIO, VCC =
0 or 5.5 V
12
17
UVVCC
Rising Undervoltage detection on VCC for
protected mode
4.2
4.4
V
Falling Undervoltage detection on VCC for
protected mode
3.8
4.0
4.25
VHYS(UVVCC) Hysteresis voltage on UVVCC
200
mV
UV(VIO)
Undervoltage detection on VIO for
protected mode
Devices with the "V" suffix (I/O Level
Shifting Devices)
1.3
2.75
V
VHYS(UVIO)
Hysteresis voltage on UVIO
80
mV
STB TERMINAL (MODE SELECT INPUT)
VIH
HIGH-level input voltage
Devices with the "V" suffix (I/O Level
Shifting Devices)
0.7 x VIO
V
Devices without the "V" suffix (5V only)
2
VIL
LOW-level input voltage
Devices with the "V" suffix (I/O Level
Shifting Devices)
0.3 x
VIO
Devices without the "V" suffix (5V only)
0.8
IIH
HIGH-level input leakage current
STB = VCC = VIO = 5.5 V
-2
2
µA
IIL
Low-level input leakage current
STB = 0V, VCC = VIO = 5.5 V
–20
0
-2
Ilkg(OFF)
Unpowered leakage current
STB = 5.5 V, VCC = VIO = 0 V
-1
0
1
TXD TERMINAL (CAN TRANSMIT DATA INPUT)
VIH
HIGH level input voltage
Devices with the "V" suffix (I/O Level
Shifting Devices)
0.7 x VIO
V
Devices without the "V" suffix (5V only)
2
VIL
LOW level input voltage
Devices with the "V" suffix (I/O Level
Shifting Devices)
0.3 x
VIO
V
Devices without the "V" suffix (5V only)
0.8
IIH
HIGH level input leakage current
TXD = VCC = VIO = 5.5 V
–2.5
0
1
µA
IIL
Low level input leakage current
TXD = 0V, VCC = VIO = 5.5 V
–100
-25
–7
µA
Ilkg(OFF)
Unpowered leakage current
TXD = 5.5 V, VCC = VIO = 0 V
–1
0
1
µA


Similar Part No. - TCAN1042H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042H-Q1 TI1-TCAN1042H-Q1 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H-Q1 TI1-TCAN1042H-Q1 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results

Similar Description - TCAN1042H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1042-Q1 TI1-TCAN1042-Q1 Datasheet
611Kb / 32P
[Old version datasheet]   Automotive Fault Protected CAN Tranceiver
logo
Linear Technology
LT1796 LINER-LT1796_15 Datasheet
152Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
LT1796 LINER-LT1796 Datasheet
153Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
logo
Texas Instruments
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
logo
Maxim Integrated Produc...
MAX3054 MAXIM-MAX3054_14 Datasheet
1Mb / 18P
   ±80V Fault-Protected/Tolerant CAN Transceiver
Rev 1; 9/14
logo
Texas Instruments
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com