Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS051PWRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN65LVDS051PWRG4
Description  High-Speed Differential Line Drivers
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS051PWRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65LVDS051PWRG4 Datasheet HTML 5Page - Texas Instruments SN65LVDS051PWRG4 Datasheet HTML 6Page - Texas Instruments SN65LVDS051PWRG4 Datasheet HTML 7Page - Texas Instruments SN65LVDS051PWRG4 Datasheet HTML 8Page - Texas Instruments SN65LVDS051PWRG4 Datasheet HTML 9Page - Texas Instruments SN65LVDS051PWRG4 Datasheet HTML 10Page - Texas Instruments SN65LVDS051PWRG4 Datasheet HTML 11Page - Texas Instruments SN65LVDS051PWRG4 Datasheet HTML 12Page - Texas Instruments SN65LVDS051PWRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
9
SN65LVDS179, SN65LVDS180, SN65LVDS050, SN65LVDS051
www.ti.com
SLLS301R – APRIL 1998 – REVISED JANUARY 2016
Product Folder Links: SN65LVDS179 SN65LVDS180 SN65LVDS050 SN65LVDS051
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
(1)
All typical values are at 25°C and with a 3.3-V supply.
(2)
tsk(p) is the magnitude of the time difference between the high-to-low and low-to-high propagation delay times at an output.
(3)
tsk(o) is the magnitude of the time difference between the outputs of a single device with all of their inputs connected together.
8.8 Driver Switching Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
RL = 100 Ω
CL = 10 pF
See Figure 11
1.7
2.7
ns
tPHL
Propagation delay time, high-to-low-level output
1.7
2.7
ns
tr
Differential output signal rise time
0.8
1
ns
tf
Differential output signal fall time
0.8
1
ns
tsk(p)
Pulse skew (|tpHL – tpLH|)
(2)
300
ps
tsk(o)
Channel-to-channel output skew(3)
150
ps
ten
Enable time
See Figure 13
4.3
10
ns
tdis
Disable time
3.1
10
ns
(1)
All typical values are at 25°C and with a 3.3-V supply.
(2)
tsk(p) is the magnitude of the time difference between the high-to-low and low-to-high propagation delay times at an output.
8.9 Receiver Switching Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
CL = 10 pF,
See Figure 15
3.7
4.5
ns
tPHL
Propagation delay time, high-to-low-level output
3.7
4.5
ns
tsk(p)
Pulse skew (|tpHL – tpLH|)
(2)
0.3
ns
tr
Output signal rise time
0.7
1.5
ns
tf
Output signal fall time
0.9
1.5
ns
tPZH
Propagation delay time, high-impedance-to-high-
level output
See Figure 16
2.5
ns
tPZL
Propagation delay time, high-impedance-to-low-
level output
2.5
ns
tPHZ
Propagation delay time, high-level-to-high-
impedance output
7
ns
tPLZ
Propagation delay time, low-level-to-high-
impedance output
4
ns


Similar Part No. - SN65LVDS051PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS051PWRG4 TI-SN65LVDS051PWRG4 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS051PWRG4 TI-SN65LVDS051PWRG4 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS051PWRG4 TI-SN65LVDS051PWRG4 Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS051PWRG4Q1 TI1-SN65LVDS051PWRG4Q1 Datasheet
600Kb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS051PWRG4Q1 TI1-SN65LVDS051PWRG4Q1 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - SN65LVDS051PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com