Electronic Components Datasheet Search |
|
TL16C752CIPFBRQ1 Datasheet(PDF) 10 Page - Texas Instruments |
|
|
TL16C752CIPFBRQ1 Datasheet(HTML) 10 Page - Texas Instruments |
10 / 57 page Valid Address t 6s A[2:0] CS D[7:0] Valid Address t 6h t 13w t 6h t 6s t 13w t 15d IOW t 16h t 16h Valid Data Valid Data t 16s t 16s 10 TL16C752CI-Q1 SLLSEQ9A – OCTOBER 2015 – REVISED FEBRUARY 2016 www.ti.com Product Folder Links: TL16C752CI-Q1 Submit Documentation Feedback Copyright © 2015–2016, Texas Instruments Incorporated 7.6 Timing Requirements TA = 0°C to 70°C, VCC = 1.8 V to 5 V ±10% (unless otherwise noted) LIMITS UNIT 1.8 V 2.5 V 3.3 V 5 V MIN MAX MIN MAX MIN MAX MIN MAX tRESET Reset pulse width 200 200 200 200 ns CP CP clock period 63 42 32 20 ns t3w Oscillator or clock speed 16 24 32 48 MHz t6s Address setup time 20 15 10 5 ns t6h Address hold time See Figure 1 and Figure 2 15 10 7 5 ns t7w IOR strobe width See Figure 1 and Figure 2 85 70 50 40 ns t9d Read cycle delay See Figure 2 85 70 60 50 ns t12d Delay from IOR to data See Figure 2 65 50 35 25 ns t12h Data disable time 35 25 20 15 ns t13w IOW strobe width See Figure 1 85 70 50 40 ns t15d Write cycle delay See Figure 1 85 70 60 50 ns t16s Data setup time See Figure 1 40 30 20 15 ns t16h Data hold time See Figure 1 35 25 15 10 ns t17d Delay from IOW to output 50-pF load, see Figure 3 60 40 30 20 ns t18d Delay to set interrupt from MODEM input 50-pF load, see Figure 3 70 55 45 35 ns t19d Delay to reset interrupt from IOR 50-pF load 80 55 40 30 ns t20d Delay from stop to set interrupt See Figure 4 1 1 1 1 baudrate t21d Delay from IOR to reset interrupt 50-pF load, see Figure 4 55 45 35 25 ns t22d Delay from stop to interrupt See Figure 7 1 1 1 1 baudrate t23d Delay from initial IOW reset to transmit start See Figure 7 8 24 8 24 8 24 8 24 baudrate t24d Delay from IOW to reset interrupt See Figure 7 75 45 35 25 ns t25d Delay from stop to set RXRDY See Figure 5 and Figure 6 1 1 1 1 baudrate t26d Delay from IOR to reset RXRDY See Figure 5 and Figure 6 1 1 1 1 μs t27d Delay from IOW to set TXRDY See Figure 8 and Figure 9 70 60 50 40 ns t28d Delay from start to reset TXRDY See Figure 8 and Figure 9 16 16 16 16 baudrate Figure 1. General Write Timing |
Similar Part No. - TL16C752CIPFBRQ1 |
|
Similar Description - TL16C752CIPFBRQ1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |