Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCAN1042GDQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TCAN1042GDQ1
Description  Automotive Fault Protected CAN Tranceiver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1042GDQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TCAN1042GDQ1 Datasheet HTML 5Page - Texas Instruments TCAN1042GDQ1 Datasheet HTML 6Page - Texas Instruments TCAN1042GDQ1 Datasheet HTML 7Page - Texas Instruments TCAN1042GDQ1 Datasheet HTML 8Page - Texas Instruments TCAN1042GDQ1 Datasheet HTML 9Page - Texas Instruments TCAN1042GDQ1 Datasheet HTML 10Page - Texas Instruments TCAN1042GDQ1 Datasheet HTML 11Page - Texas Instruments TCAN1042GDQ1 Datasheet HTML 12Page - Texas Instruments TCAN1042GDQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
TCAN1042-Q1, TCAN1042V-Q1, TCAN1042H-Q1
TCAN1042HV-Q1, TCAN1042G-Q1, TCAN1042GV-Q1
TCAN1042HG-Q1, TCAN1042HGV-Q1
www.ti.com
SLLSES9 – FEBRUARY 2016
Product Folder Links: TCAN1042-Q1 TCAN1042V-Q1 TCAN1042H-Q1 TCAN1042HV-Q1 TCAN1042G-Q1
TCAN1042GV-Q1 TCAN1042HG-Q1 TCAN1042HGV-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
All typical values are at 25°C and supply voltages of VCC = 5 V and VIO = 5 V, RL = 60 Ω.
(2)
The TXD dominant timeout (t(TXD_DTO)) disables the driver of the transceiver once the TXD has been dominant longer than t(TXD_DTO),
which releases the bus lines to recessive, preventing a local failure from locking the bus dominant. The driver may only transmit
dominant again after TXD has been returned HIGH (recessive). While this protects the bus from local faults, locking the bus dominant, it
limits the minimum data rate possible. The CAN protocol allows a maximum of eleven successive dominant bits (on TXD) for the worst
case, where five successive dominant bits are followed immediately by an error frame. This, along with the t(TXD_DTO) minimum, limits
the minimum bit rate. The minimum bit rate may be calculated by: Minimum Bit Rate = 11 / t(TXD_DTO)
7.6 Switching Characteristics
Over recommended operating conditions with TA = -55°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX UNIT
DEVICE SWITCHING CHARACTERISTICS
tPROP(LOOP1)
Total loop delay, driver input (TXD) to receiver
output (RXD), recessive to dominant
See Figure 8, STB = 0 V, RL = 60
Ω,
CL = 100 pF, CL(RXD) = 15 pF
100
160
ns
tPROP(LOOP2)
Total loop delay, driver input (TXD) to receiver
output (RXD), dominant to recessive
110
175
tMODE
Mode change time, from Normal to Standby or
from Standby to Normal
See Figure 7
1
45
µs
tWK_FILTER
0.5
1.85
DRIVER SWITCHING CHARACTERISTICS
tpHR
Propagation delay time, HIGH TXD to Driver
Recessive
See Figure 5, STB = 0 V, RL = 60
Ω,
CL = 100 pF, RCM = open
75
ns
tpLD
Propagation delay time, LOW TXD to Driver
Dominant
55
tsk(p)
Pulse skew (|tpHR - tpLD|)
20
tR
Differential output signal rise time
45
tF
Differential output signal fall time
45
tTXD_DTO
Dominant timeout(2)
See Figure 10, STB = 0 V, RL = 60
Ω, CL = open
1.2
3.8
ms
RECEIVER SWITCHING CHARACTERISTICS
tpRH
Propagation delay time, bus recessive input to
high output
See Figure 6, STB = 0 V, CL(RXD) =
15 pF
65
ns
tpDL
Propagation delay time, bus dominant input to
low output
50
ns
tR
RXD Output signal rise time
10
ns
tF
RXD Output signal fall time
10
ns
FD Timing Parameters
tBIT(BUS)
Bit time on CAN bus output pins with tBIT(TXD) =
500 ns, all devices
See Figure 9 , STB = 0 V, RL =
60
Ω, CL = 100pF, CL(RXD) = 15pF
435
530
ns
Bit time on CAN bus output pins with tBIT(TXD) =
200 ns, G device variants only
155
210
tBIT(RXD)
Bit time on RXD output pins with tBIT(TXD) = 500
ns, all devices
400
550
Bit time on RXD output pins with tBIT(TXD) = 200
ns, G device variants only
120
220
ΔtREC
Receiver timing symmetry with tBIT(TXD) = 500
ns, all devices
-65
40
Receiver timing symmetry with tBIT(TXD) = 200
ns, G device variants only
-45
15


Similar Part No. - TCAN1042GDQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1042GDQ1 TI1-TCAN1042GDQ1 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042GDQ1 TI1-TCAN1042GDQ1 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results

Similar Description - TCAN1042GDQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H Datasheet
560Kb / 32P
[Old version datasheet]   Fault Protected CAN Tranceiver
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
logo
Linear Technology
LT1796 LINER-LT1796_15 Datasheet
152Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
LT1796 LINER-LT1796 Datasheet
153Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com