Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCAN330GDCNT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TCAN330GDCNT
Description  CAN Transceivers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN330GDCNT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TCAN330GDCNT Datasheet HTML 6Page - Texas Instruments TCAN330GDCNT Datasheet HTML 7Page - Texas Instruments TCAN330GDCNT Datasheet HTML 8Page - Texas Instruments TCAN330GDCNT Datasheet HTML 9Page - Texas Instruments TCAN330GDCNT Datasheet HTML 10Page - Texas Instruments TCAN330GDCNT Datasheet HTML 11Page - Texas Instruments TCAN330GDCNT Datasheet HTML 12Page - Texas Instruments TCAN330GDCNT Datasheet HTML 13Page - Texas Instruments TCAN330GDCNT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
VO(CANH) - High-Level Output Voltage (V)
0
1
2
3
4
0
20
40
60
80
100
120
140
160
D003
RL = Open
RL = 60 :
Free-Air Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
D004
VCC = 3 V
VCC = 3.3 V
VCC = 3.6 V
Frequency (kbps)
0
200
400
600
800
1000
19.4
19.6
19.8
20
20.2
20.4
20.6
20.8
21
D001
VO(CANL) - Low-Level Output Voltage (V)
0
1
2
3
4
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
D002
RL = Open
RL = 60 :
10
TCAN330, TCAN332, TCAN334, TCAN337
TCAN330G, TCAN332G, TCAN334G, TCAN337G
SLLSEQ7A – DECEMBER 2015 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: TCAN330 TCAN332 TCAN334 TCAN337 TCAN330G TCAN332G TCAN334G TCAN337G
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8.7 Typical Characteristics
VCC = 3.3 V
Normal Mode
Temp = 25°C
60
Ω Load
Figure 3. Supply Current (RSM) vs Frequency
VO = 0.5 to 3.3 V
Normal Mode
Temp = 25°C
VCC = 3.3 V
Figure 4. Driver Low-Level Output Current vs Low-level
Output Voltage
VO = 0.5 to 3.3 V
Normal Mode
Temp = 25°C
VCC = 3.3 V
Figure 5. Driver High-Level Output Current vs High-level
Output Voltage
VO = 0.5 to 3.3 V
Normal Mode
Temp = 25°C
VCC = 3.3 V
60
Ω Load
Figure 6. Dominant Voltage (VOD) vs Free-Air Temperature


Similar Part No. - TCAN330GDCNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN330GDCNT TI1-TCAN330GDCNT Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
More results

Similar Description - TCAN330GDCNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD252 TI1-SN65HVD252_13 Datasheet
804Kb / 18P
[Old version datasheet]   DeviceNet CAN Transceivers
SN65HVD252 TI1-SN65HVD252 Datasheet
585Kb / 17P
[Old version datasheet]   DeviceNet??CAN Transceivers
SN65HVD265 TI1-SN65HVD265 Datasheet
1Mb / 33P
[Old version datasheet]   Turbo CAN Transceivers
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230QDRG4Q1 TI-SN65HVD230QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233_08 Datasheet
468Kb / 26P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com