Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS179DRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS179DRG4
Description  High-Speed Differential Line Drivers
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS179DRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVDS179DRG4 Datasheet HTML 3Page - Texas Instruments SN65LVDS179DRG4 Datasheet HTML 4Page - Texas Instruments SN65LVDS179DRG4 Datasheet HTML 5Page - Texas Instruments SN65LVDS179DRG4 Datasheet HTML 6Page - Texas Instruments SN65LVDS179DRG4 Datasheet HTML 7Page - Texas Instruments SN65LVDS179DRG4 Datasheet HTML 8Page - Texas Instruments SN65LVDS179DRG4 Datasheet HTML 9Page - Texas Instruments SN65LVDS179DRG4 Datasheet HTML 10Page - Texas Instruments SN65LVDS179DRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
7
SN65LVDS179, SN65LVDS180, SN65LVDS050, SN65LVDS051
www.ti.com
SLLS301R – APRIL 1998 – REVISED JANUARY 2016
Product Folder Links: SN65LVDS179 SN65LVDS180 SN65LVDS050 SN65LVDS051
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
8.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
|VID|
Magnitude of differential input voltage
0.05
0.6
V
|VOD(dis)|
Magnitude of differential output voltage with disabled driver
520
mV
VOY or VOZ
Driver output voltage
0
2.4
V
VIC
Common-mode input voltage (see Figure 14)
VCC – 0.8
V
TA
Operating free-air temperature
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no airflow.
8.4 Thermal Information
THERMAL METRIC(1)
SN65LVDS179
SN65LVDS180
SN65LVDS050,
SN65LVDS051
UNIT
D
DGK
D
PW
D
PW
8 PINS
14 PINS
16 PINS
Power Rating: TA≤ 25°C
635
424
987
736
1110
839
mW
Derating Factor Above TA = 25°C
(2)
5.1
3.4
7.9
5.9
8.9
6.7
mW/°C
Power Rating: TA = 85°C
330
220
513
383
577
437
(1)
All typical values are at 25°C and with a 3.3-V supply.
8.5 Device Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
ICC
Supply
current
SN65LVDS179
No receiver load, driver RL = 100 Ω
9
12
mA
SN65LVDS180
Driver and receiver enabled, no receiver load,
driver RL = 100 Ω
9
12
mA
Driver enabled, receiver disabled, RL = 100 Ω
5
7
Driver disabled, receiver enabled, no load
1.5
2
Disabled
0.5
1
SN65LVDS050
Drivers and receivers enabled, no receiver loads,
driver RL = 100 Ω
12
20
mA
Drivers enabled, receivers disabled, RL = 100 Ω
10
16
Drivers disabled, receivers enabled, no loads
3
6
Disabled
0.5
1
SN65LVDS051
Drivers enabled, no receiver loads, driver RL =
100
12
20
mA
Drivers disabled, no loads
3
6


Similar Part No. - SN65LVDS179DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS179DRG4 TI-SN65LVDS179DRG4 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179DRG4 TI-SN65LVDS179DRG4 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179DRG4 TI-SN65LVDS179DRG4 Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - SN65LVDS179DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com