Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LVDS391PWG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN75LVDS391PWG4
Description  High-Speed Differential Line Drivers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LVDS391PWG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75LVDS391PWG4 Datasheet HTML 5Page - Texas Instruments SN75LVDS391PWG4 Datasheet HTML 6Page - Texas Instruments SN75LVDS391PWG4 Datasheet HTML 7Page - Texas Instruments SN75LVDS391PWG4 Datasheet HTML 8Page - Texas Instruments SN75LVDS391PWG4 Datasheet HTML 9Page - Texas Instruments SN75LVDS391PWG4 Datasheet HTML 10Page - Texas Instruments SN75LVDS391PWG4 Datasheet HTML 11Page - Texas Instruments SN75LVDS391PWG4 Datasheet HTML 12Page - Texas Instruments SN75LVDS391PWG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
0
IOL − Low-Level Output Current − mA
4
3
0
4
6
2
2
VCC = 3.3 V
TA = 25°C
1
Ta − Free-Air Temperature −
°C
1.0
1.2
1.4
1.6
1.8
2.0
2.2
−40
−20
0
20
40
60
80
100
VCC = 3.6 V
VCC = 3 V
VCC = 3.3 V
f − Frequency − MHz
40
50
60
70
80
90
100
110
0
50
100
150
200
250
300
VCC = 3.6 V
All outputs loaded and enabled.
VCC = 3.3 V
VCC = 3 V
TA − Free-Air Temperature − °C
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
−40
−20
0
20
40
60
80
100
VCC = 3.6 V
VCC = 3 V
VCC = 3.3 V
f − Frequency − MHz
0
10
20
30
40
50
60
0
50
100
150
200
250
300
VCC = 3.6 V
All outputs loaded and enabled.
VCC = 3.3 V
VCC = 3 V
f − Frequency − MHz
80
100
120
140
160
180
200
220
240
0
50
100
150
200
250
300
350
VCC = 3.6 V
All outputs loaded and enabled.
VCC = 3.3 V
VCC = 3 V
SN65LVDS387, SN75LVDS387, SN65LVDS389
SN75LVDS389, SN65LVDS391, SN75LVDS391
www.ti.com
SLLS362G – SEPTEMBER 1999 – REVISED JANUARY 2016
8.7 Typical Characteristics
Figure 2. 'LVDS387 Supply Current (RMS) vs Switching
Figure 1. 'LVDS391 Supply Current vs (RMS) Switching
Frequency
Frequency
Figure 3. 'LVDS389 Supply Current (RMS) vs Switching
Figure 4. Low-to-High Propagation Delay Time vs Free-Air
Frequency
Temperature
Figure 5. High-to-Low Propagation Delay Time vs Free-Air
Figure 6. Low-Level Output Voltage vs Low-Level Output
Temperature
Current
Copyright © 1999–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN65LVDS387 SN75LVDS387 SN65LVDS389 SN75LVDS389 SN65LVDS391 SN75LVDS391


Similar Part No. - SN75LVDS391PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS391PWG4 TI-SN75LVDS391PWG4 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN75LVDS391PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com