Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LVDS391PWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVDS391PWR
Description  High-Speed Differential Line Drivers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LVDS391PWR Datasheet(HTML) 1 Page - Texas Instruments

  SN75LVDS391PWR Datasheet HTML 1Page - Texas Instruments SN75LVDS391PWR Datasheet HTML 2Page - Texas Instruments SN75LVDS391PWR Datasheet HTML 3Page - Texas Instruments SN75LVDS391PWR Datasheet HTML 4Page - Texas Instruments SN75LVDS391PWR Datasheet HTML 5Page - Texas Instruments SN75LVDS391PWR Datasheet HTML 6Page - Texas Instruments SN75LVDS391PWR Datasheet HTML 7Page - Texas Instruments SN75LVDS391PWR Datasheet HTML 8Page - Texas Instruments SN75LVDS391PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Host
Controller
TX Clock
SN65LVDS387 or 389
Target
Controller
Target
LVDS Receiver(s)
Indicates twisting of the
conductors.
T
T
T
T
T
Indicates the line termination
circuit.
Host
Balanced Interconnect
Power
Power
DB0
DB1
DB2
DBn–3
T
T
T
T
DBn–2
DBn–1
DBn
RX Clock
DB0
DB1
DB2
DBn–3
DBn–2
DBn–1
DBn
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN65LVDS387, SN75LVDS387, SN65LVDS389
SN75LVDS389, SN65LVDS391, SN75LVDS391
SLLS362G – SEPTEMBER 1999 – REVISED JANUARY 2016
SNx5LVDS3xx High-Speed Differential Line Drivers
1 Features
3 Description
This family of 4, 8, and 16 differential line drivers
1
Four ('391), Eight ('389), or Sixteen ('387) Line
implements the electrical characteristics of low-
Drivers Meet or Exceed the Requirements of ANSI
voltage differential signaling (LVDS). This signaling
EIA/TIA-644 Standard
technique lowers the output voltage levels of 5-V
Designed for Signaling Rates Up to 630 Mbps
differential standard levels (such as EIA/TIA-422B) to
With Very Low Radiation (EMI)
reduce the power, increase the switching speeds, and
allow operation with a 3.3-V supply rail. Any of the 16
Low-Voltage Differential Signaling With Typical
current-mode
drivers
will
deliver
a
minimum
Output Voltage of 350 mV and a 100-
Ω Load
differential output voltage magnitude of 247 mV into a
Propagation Delay Times Less Than 2.9 ns
100-
Ω load when enabled.
Output Skew Is Less Than 150 ps
Device Information(1)
Part-to-Part Skew Is Less Than 1.5 ns
PART NUMBER
PACKAGE
BODY SIZE (NOM)
35-mW Total Power Dissipation in Each Driver
SN65LVDS387
TSSOP (64)
17.00 mm × 6.10 mm
Operating at 200 MHz
SN75LVDS387
TSSOP (38)
9.70 mm × 4.40 mm
Driver Is High-Impedance When Disabled or With
SOIC (16)
9.90 mm × 3.91 mm
VCC < 1.5 V
SN65LVDS389
TSSOP (16)
5.00 mm × 4.40 mm
SN65' Version Bus-Pin ESD Protection Exceeds
SN75LVDS389
TSSOP (64)
17.00 mm × 6.10 mm
15 kV
SN65LVDS391
TSSOP (38)
9.70 mm × 4.40 mm
Packaged in Thin Shrink Small-Outline Package
SOIC (16)
9.90 mm × 3.91 mm
With 20-mil Pin Pitch
SN75LVDS391
TSSOP (16)
5.00 mm × 4.40 mm
Low-Voltage TTL (LVTTL) Logic Inputs Are 5-V
Tolerant
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
2 Applications
Wireless Infrastructure
Telecom Infrastructure
Printer
Typical Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN75LVDS391PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS391PWR TI-SN75LVDS391PWR Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS391PWR TI-SN75LVDS391PWR Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS391PWRG4 TI-SN75LVDS391PWRG4 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN75LVDS391PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com