Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67060-S7025 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # Q67060-S7025
Description  Smart High-Side Power Switch Four Channels: 4 x 140m??Status Feedback
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67060-S7025 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button Q67060-S7025 Datasheet HTML 2Page - Infineon Technologies AG Q67060-S7025 Datasheet HTML 3Page - Infineon Technologies AG Q67060-S7025 Datasheet HTML 4Page - Infineon Technologies AG Q67060-S7025 Datasheet HTML 5Page - Infineon Technologies AG Q67060-S7025 Datasheet HTML 6Page - Infineon Technologies AG Q67060-S7025 Datasheet HTML 7Page - Infineon Technologies AG Q67060-S7025 Datasheet HTML 8Page - Infineon Technologies AG Q67060-S7025 Datasheet HTML 9Page - Infineon Technologies AG Q67060-S7025 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
BTS 716G
Infineon Technologies AG
6 of 14
2003-Oct-01
Parameter and Conditions, each of the four channels
Symbol
Values
Unit
at Tj = -40...+150°C, Vbb = 12 V unless otherwise specified
min
typ
max
Operating Parameters
Operating voltage
Vbb(on)
5.5
--
40
V
Undervoltage switch off10)
Tj =-40...25°C: Vbb(u so)
--
--
4.5
V
Tj =125°C:
--
--
4.511)
Overvoltage protection12)
I bb = 40 mA
Vbb(AZ)
41
47
52
V
Standby current13)
Tj =-40°C...25°C:
VIN = 0; see diagram page 11
Tj =150°C:
Ibb(off)
--
--
9
--
16
24
µA
Tj =125°C:
--
--
1611)
Off-State output current (included in Ibb(off))
VIN = 0; each channel
IL(off)
--
1
5
µA
Operating current 14), VIN = 5V,
IGND = IGND1 + IGND2,
one channel on:
all channels on:
IGND
--
--
0.5
1.9
0.9
3.3
mA
Protection Functions15)
Current limit, Vout = 0V, (see timing diagrams, page 12)
Tj =-40°C:
Tj =25°C:
Tj =+150°C:
IL(lim)
--
--
5
--
9
--
14
--
--
A
Repetitive short circuit current limit,
Tj = Tjt
each channel
two,three or four parallel channels
(see timing diagrams, page 12)
IL(SCr)
--
--
6.5
6.5
--
--
A
Initial short circuit shutdown time
Tj,start =25°C:
Vout = 0V
(see timing diagrams on page 12)
toff(SC)
--
2
--
ms
Output clamp (inductive load switch off)16)
at VON(CL) = Vbb - VOUT, IL= 40 mA
VON(CL)
41
47
52
V
Thermal overload trip temperature
Tjt
150
--
--
°C
Thermal hysteresis
T
jt
--
10
--
K
10) is the voltage, where the device doesn´t change it´s switching condition for 15ms after the supply voltage
falling below the lower limit of Vbb(on)
11
) not subject to production test, specified by design
12
) Supply voltages higher than V
bb(AZ) require an external current limit for the GND and status pins (a 150Ω
resistor for the GND connection is recommended). See also VON(CL) in table of protection functions and
circuit diagram on page 9.
13
) Measured with load; for the whole device; all channels off
14
) Add IST, if IST > 0
15
) Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as "outside" normal operating range. Protection functions are not
designed for continuous repetitive operation.
16
) If channels are connected in parallel, output clamp is usually accomplished by the channel with the lowest
VON(CL)


Similar Part No. - Q67060-S7025

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67060-S7000-A2 INFINEON-Q67060-S7000-A2 Datasheet
355Kb / 16P
   Smart Four Channel Highside Power Switch
2003-Oct-01
Q67060-S7002-A2 INFINEON-Q67060-S7002-A2 Datasheet
360Kb / 15P
   Smart Four Channel Highside Power Switch
2003-Oct-01
logo
Siemens Semiconductor G...
Q67060-S7007-A2 SIEMENS-Q67060-S7007-A2 Datasheet
49Kb / 7P
   PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.)
logo
Infineon Technologies A...
Q67060-S7007-A2 INFINEON-Q67060-S7007-A2 Datasheet
135Kb / 7P
   PWM Power Unit
2003-Oct-01
Q67060-S7010-A2 INFINEON-Q67060-S7010-A2 Datasheet
304Kb / 12P
   Smart Two Channel Highside Power Switch
2003-Oct-01
More results

Similar Description - Q67060-S7025

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210L INFINEON-BTS5210L Datasheet
240Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS5210G INFINEON-BTS5210G Datasheet
309Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS716GB INFINEON-BTS716GB Datasheet
320Kb / 16P
   Smart High-Side Power Switch Four Chanmels : 4 x 140m廓 Status Feedback
V1.0, 2007-05-13
BTS824R INFINEON-BTS824R Datasheet
334Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
BTS724G INFINEON-BTS724G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
ITS716G INFINEON-ITS716G Datasheet
432Kb / 14P
   Smart High-Side Power Switch For Industrial Applications Four Channels: 4 x 140m?
2006-Mar-23
BTS736L2 INFINEON-BTS736L2 Datasheet
383Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 40m??Status Feedback
2003-Oct-01
logo
Siemens Semiconductor G...
BTS728L2 SIEMENS-BTS728L2 Datasheet
241Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 60mW Status Feedback
logo
Infineon Technologies A...
BTS728L2 INFINEON-BTS728L2 Datasheet
389Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 60m??Status Feedback
2003-Oct-01
BTS5215L INFINEON-BTS5215L Datasheet
240Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 90m??Status Feedback
2003-Oct-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com