Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS716 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BTS716
Description  Smart High-Side Power Switch Four Channels: 4 x 140m??Status Feedback
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS716 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BTS716 Datasheet HTML 1Page - Infineon Technologies AG BTS716 Datasheet HTML 2Page - Infineon Technologies AG BTS716 Datasheet HTML 3Page - Infineon Technologies AG BTS716 Datasheet HTML 4Page - Infineon Technologies AG BTS716 Datasheet HTML 5Page - Infineon Technologies AG BTS716 Datasheet HTML 6Page - Infineon Technologies AG BTS716 Datasheet HTML 7Page - Infineon Technologies AG BTS716 Datasheet HTML 8Page - Infineon Technologies AG BTS716 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
BTS 716G
Infineon Technologies AG
5 of 14
2003-Oct-01
Thermal Characteristics
Parameter and Conditions
Symbol
Values
Unit
min
typ
max
Thermal resistance
junction - soldering point6)7)
each channel:
Rthjs
--
--
17
K/W
junction – ambient6)
@ 6 cm
2 cooling area
one channel active:
all channels active:
Rthja
--
--
--
--
44
35
--
--
--
Electrical Characteristics
Parameter and Conditions, each of the four channels
Symbol
Values
Unit
at Tj = -40...+150°C, Vbb = 12 V unless otherwise specified
min
typ
max
Load Switching Capabilities and Characteristics
On-state resistance (Vbb to OUT); IL = 2 A
each channel,
Tj = 25°C:
Tj = 150°C:
two parallel channels, Tj = 25°C:
four parallel channels, Tj = 25°C:
see diagram, page 11
RON
--
--
--
--
110
210
55
28
140
280
70
35
m
Nominal load current
one channel active:
two parallel channels active:
four parallel channels active:
Device on PCB6), Ta = 85°C, Tj ≤ 150°C
IL(NOM)
2.3
3.3
4.7
2.6
3.7
5.3
--
--
--
A
Output current while GND disconnected or pulled up8);
Vbb = 32 V, VIN = 0,
see diagram page 9
IL(GNDhigh)
--
--
2
mA
Turn-on time9)
IN
to 90% VOUT:
Turn-off time
IN
to 10% VOUT:
RL = 12
ton
toff
--
--
100
100
250
270
µs
Slew rate on 9)
10 to 30% VOUT, RL = 12
Ω: dV/dt
on
0.2
--
1.0
V/
µs
Slew rate off 9)
70 to 40% VOUT, RL = 12
Ω: -dV/dt
off
0.2
--
1.1
V/
µs
6
)
Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm
2 (one layer, 70
µm thick) copper area for Vbb
connection. PCB is vertical without blown air. See page 14
7
)
Soldering point: upper side of solder edge of device pin 15. See page 14
8
)
not subject to production test, specified by design
9
)
See timing diagram on page 12.


Similar Part No. - BTS716

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS716G INFINEON-BTS716G Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS716GB INFINEON-BTS716GB Datasheet
320Kb / 16P
   Smart High-Side Power Switch Four Chanmels : 4 x 140m廓 Status Feedback
V1.0, 2007-05-13
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
More results

Similar Description - BTS716

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210L INFINEON-BTS5210L Datasheet
240Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS5210G INFINEON-BTS5210G Datasheet
309Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS716GB INFINEON-BTS716GB Datasheet
320Kb / 16P
   Smart High-Side Power Switch Four Chanmels : 4 x 140m廓 Status Feedback
V1.0, 2007-05-13
BTS824R INFINEON-BTS824R Datasheet
334Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
BTS724G INFINEON-BTS724G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
ITS716G INFINEON-ITS716G Datasheet
432Kb / 14P
   Smart High-Side Power Switch For Industrial Applications Four Channels: 4 x 140m?
2006-Mar-23
BTS736L2 INFINEON-BTS736L2 Datasheet
383Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 40m??Status Feedback
2003-Oct-01
logo
Siemens Semiconductor G...
BTS728L2 SIEMENS-BTS728L2 Datasheet
241Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 60mW Status Feedback
logo
Infineon Technologies A...
BTS728L2 INFINEON-BTS728L2 Datasheet
389Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 60m??Status Feedback
2003-Oct-01
BTS5215L INFINEON-BTS5215L Datasheet
240Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 90m??Status Feedback
2003-Oct-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com