Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0402C102K4RACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0402C102K4RACTU
Description  Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 1000 pF, /-10% Tol, 16 V, X7R, 0402 (1005 metric)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402C102K4RACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0402C102K4RACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 1/06/2016 - c7b23fb7-75ea-4b02-baae-7ac352fa1325
KEMET Part Number: C0402C102K4RACTU
(C0402C102K4RAC7867)
Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 1000 pF, +/-10% Tol, 16 V, X7R, 0402 (1005 metric)
Dimensions (mm)
Symbol
Dimension
Tolerance
L
1
+/-0.05
W
0.5
+/-0.05
T
0.5
+/-0.05
B
0.3
+/-0.1
S
0.3
MIN
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Type: Paper Tape
Package Quantity: 10000
General Information
Supplier: KEMET
Application: Standard Chip
Chip Size: 0402 (1005 metric)
Temperature Coefficient: X7R
Part Type Description: SMD, MLCC, Temperature
Stable, Class II
Termination Type: Tin (Sn)
Marked: No
RoHS: Yes
Specifications
Capacitance: 1000 pF
Voltage: 16 V
Tolerance: +/-10%
Temperature Range: -55/+125C
Dissipation Factor: 3.5%
Failure Rate: N/A
Aging Rate: 3% loss/decade hour
Insulation Resistance: 100 GOhm
Dielectric Strength: 40 V
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
48 hours
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0402C102K4RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C102K4RACAUTO KEMET-C0402C102K4RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R, Ceramic, 1000 pF, 10%, 16 VDC, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0402
More results

Similar Description - C0402C102K4RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C102J4RACTU KEMET-C0402C102J4RACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 1000 pF, /-5% Tol, 16 V, X7R, 0402 (1005 metric)
C0402C102J5RACTU KEMET-C0402C102J5RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 1000 pF, /-5% Tol, 50 V, X7R, 0402 (1005 metric)
C0402C332K3RACTU KEMET-C0402C332K3RACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 3300 pF, /-10% Tol, 25 V, X7R, 0402 (1005 metric)
C0402C101K5RACTU KEMET-C0402C101K5RACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 100 pF, /-10% Tol, 50 V, X7R, 0402 (1005 metric)
C0402C473K4RACTU KEMET-C0402C473K4RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.047 uF, /-10% Tol, 16 V, X7R, 0402 (1005 metric)
C0402C123K4RACTU KEMET-C0402C123K4RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.012 uF, /-10% Tol, 16 V, X7R, 0402 (1005 metric)
C0402C103K8RACTU KEMET-C0402C103K8RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.01 uF, /-10% Tol, 10 V, X7R, 0402 (1005 metric)
C0402C222J5RACTU KEMET-C0402C222J5RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 2200 pF, /-5% Tol, 50 V, X7R, 0402 (1005 metric)
C0402C152J5RACTU KEMET-C0402C152J5RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 1500 pF, /-5% Tol, 50 V, X7R, 0402 (1005 metric)
C0402C331J5RACTU KEMET-C0402C331J5RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 330 pF, /-5% Tol, 50 V, X7R, 0402 (1005 metric)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com