Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS824R Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS824R
Description  Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS824R Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS824R Datasheet HTML 1Page - Infineon Technologies AG BTS824R Datasheet HTML 2Page - Infineon Technologies AG BTS824R Datasheet HTML 3Page - Infineon Technologies AG BTS824R Datasheet HTML 4Page - Infineon Technologies AG BTS824R Datasheet HTML 5Page - Infineon Technologies AG BTS824R Datasheet HTML 6Page - Infineon Technologies AG BTS824R Datasheet HTML 7Page - Infineon Technologies AG BTS824R Datasheet HTML 8Page - Infineon Technologies AG BTS824R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BTS 824R
Infineon Technologies AG
3
2003-Oct-01
Pin Definitions and Functions
Pin
Symbol
Function
1,10,
11,20
Vbb
Positive power supply voltage. Design the
wiring for the simultaneous max. short circuit
currents from channel 1 to 2 and also for low
thermal resistance
3
IN1
5
IN2
7
IN3
9
IN4
Input 1,2, 3,4 activates channel 1,2,3,4 in case
of logic high signal
18,19
OUT1
16,17
OUT2
14,15
OUT3
12,13
OUT4
Output 1,2,3,4 protected high-side power output
of channel 1,23,4. Design the wiring for the
max. short circuit current
4
ST1/2
Diagnostic feedback 1/2,3/4 of channel 1,2,3,4
8
ST3/4
open drain, low on failure
2
GND1/2
Ground of chip 1 (channel 1,2)
6
GND3/4
Ground of chip 2 (channel 3,4)
Pin configuration
(top view)
Vbb 1
20 Vbb
GND1/2
2
19 OUT1
IN1
3
18 OUT1
ST1/2
4
17 OUT2
IN2
5
16 OUT2
GND3/4
6
15 OUT3
IN3
7
14 OUT3
ST3/4
8
13 OUT4
IN4
9
12 OUT4
Vbb 10
11 Vbb


Similar Part No. - BTS824R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS840S2 INFINEON-BTS840S2 Datasheet
338Kb / 15P
   Smart High-Side Power Switch Two Channels: 2 x 30m??Current Sense
2003-Oct-01
More results

Similar Description - BTS824R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS724G INFINEON-BTS724G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
BTS5215L INFINEON-BTS5215L Datasheet
240Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 90m??Status Feedback
2003-Oct-01
BTS716G INFINEON-BTS716G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 140m??Status Feedback
2003-Oct-01
ITS724G INFINEON-ITS724G Datasheet
432Kb / 14P
   Smart High-Side Power Switch For Industrial Applications Four Channels: 4 x 90m?
2006-Mar-28
BTS736L2 INFINEON-BTS736L2 Datasheet
383Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 40m??Status Feedback
2003-Oct-01
logo
Siemens Semiconductor G...
BTS728L2 SIEMENS-BTS728L2 Datasheet
241Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 60mW Status Feedback
logo
Infineon Technologies A...
BTS716GB INFINEON-BTS716GB Datasheet
320Kb / 16P
   Smart High-Side Power Switch Four Chanmels : 4 x 140m廓 Status Feedback
V1.0, 2007-05-13
BTS728L2 INFINEON-BTS728L2 Datasheet
389Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 60m??Status Feedback
2003-Oct-01
BTS5210L INFINEON-BTS5210L Datasheet
240Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS5210G INFINEON-BTS5210G Datasheet
309Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com