Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6986TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # A6986TR
Description  38 V, 2 A synchronous step-down switching regulator with 30 쨉A quiescent current
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button A6986TR Datasheet HTML 4Page - STMicroelectronics A6986TR Datasheet HTML 5Page - STMicroelectronics A6986TR Datasheet HTML 6Page - STMicroelectronics A6986TR Datasheet HTML 7Page - STMicroelectronics A6986TR Datasheet HTML 8Page - STMicroelectronics A6986TR Datasheet HTML 9Page - STMicroelectronics A6986TR Datasheet HTML 10Page - STMicroelectronics A6986TR Datasheet HTML 11Page - STMicroelectronics A6986TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
Electrical characteristics
A6986
8/67
DocID026211 Rev 6
3
Electrical characteristics
TJ = -40 to 135 °C, VIN = 12 V unless otherwise specified.
Table 5. Electrical characteristics
Symbol
Parameter
Test condition
Note Min. Typ. Max. Unit
VIN
Operating input voltage range
4
38
V
VINH
VCC UVLO rising threshold
2.7
3.5
VINL
VCC UVLO falling threshold
2.5
3.5
IPK
Peak current limit
Duty cycle < 40%
2.6
A
Duty cycle = 100%
closed loop operation
2.1
IVY
Valley current limit
2.7
ISKIP
Skip current limit
(1)
0.6
0.8
IVY_SNK Reverse current limit
LNM or VOUT overvoltage
0.5
1
2
RDSON HS High-side RDSON
ISW = 1 A
0.18
0.36
0
RDSON LS Low-side RDSON
ISW = 1 A
0.15
0.30
0
fSW
Selected switching frequency FSW pinstrapping before SS
see Table 6: fSW
selection
IFSW
FSW biasing current
SS ended
0
500
nA
LCM/LNM
Low noise mode /
Low consumption mode
selection
MLF pinstrapping before SS
see Table 7: LNM / LCM
selection on page 12
IMLF
MLF biasing current
SS ended
0
500
nA
D
Duty cycle
(2)
0100
%
TON MIN Minimum On time
100
ns
VCC regulator
VCC
LDO output voltage
VBIAS = GND (no switchover)
2.9
3.3
3.6
V
VBIAS = 5 V (switchover)
2.9
3.3
3.6
SWO
VBIAS threshold
Switch internal supply from VIN to
VBIAS
2.85
3.2
Switch internal supply from VBIAS to
VIN
2.8
3.15


Similar Part No. - A6986TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A6986F STMICROELECTRONICS-A6986F Datasheet
6Mb / 72P
   38 V 1.5 A synchronous step-down switching regulator
A6986F3V3 STMICROELECTRONICS-A6986F3V3 Datasheet
6Mb / 72P
   38 V 1.5 A synchronous step-down switching regulator
A6986F3V3TR STMICROELECTRONICS-A6986F3V3TR Datasheet
6Mb / 72P
   38 V 1.5 A synchronous step-down switching regulator
A6986F5V STMICROELECTRONICS-A6986F5V Datasheet
6Mb / 72P
   38 V 1.5 A synchronous step-down switching regulator
A6986F5VTR STMICROELECTRONICS-A6986F5VTR Datasheet
6Mb / 72P
   38 V 1.5 A synchronous step-down switching regulator
More results

Similar Description - A6986TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6986 STMICROELECTRONICS-L6986 Datasheet
5Mb / 68P
   38 V, 2 A synchronous step-down switching regulator with 30 A quiescent current
L6986H STMICROELECTRONICS-L6986H Datasheet
17Mb / 68P
   38 V, 2 A synchronous step-down switching regulator with 30 關A quiescent current
Rev 2 - February 2020
R6986 STMICROELECTRONICS-R6986 Datasheet
2Mb / 62P
   38 V, 2 A synchronous step-down switching regulator
L6982 STMICROELECTRONICS-L6982 Datasheet
2Mb / 48P
   38 V, 2 A synchronous step-down converter with low quiescent current
Rev 1 - April 2021
A6986H STMICROELECTRONICS-A6986H Datasheet
17Mb / 71P
   Automotive 38 V, 2 A synchronous step-down switching regulator with 30 關A
Rev 3 - August 2020
L6981 STMICROELECTRONICS-L6981 Datasheet
3Mb / 49P
   38 V, 1.5 A synchronous step-down converter with low quiescent current
Rev 1 - January 2021
A6986F STMICROELECTRONICS-A6986F Datasheet
6Mb / 72P
   38 V 1.5 A synchronous step-down switching regulator
L6983 STMICROELECTRONICS-L6983_V01 Datasheet
4Mb / 63P
   38 V, 3 A synchronous step-down converter with 17 關A quiescent current
Rev 2 - April 2020
L6983 STMICROELECTRONICS-L6983 Datasheet
4Mb / 63P
   38 V, 3 A synchronous step-down converter with 17 關A quiescent current
Rev 1 - October 2019
L7983 STMICROELECTRONICS-L7983 Datasheet
1Mb / 43P
   60 V, 300 mA synchronous step-down switching regulator with 10 關A quiescent current
Rev 1 - October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com