Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC11E1820402 Datasheet(PDF) 6 Page - ALPS ELECTRIC CO.,LTD.

Part # EC11E1820402
Description  11mm Size Metal Shaft Type
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC11E1820402 Datasheet(HTML) 6 Page - ALPS ELECTRIC CO.,LTD.

Back Button EC11E1820402 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC11E1820402 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC11E1820402 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. EC11E1820402 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. EC11E1820402 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. EC11E1820402 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. EC11E1820402 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. EC11E1820402 Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. EC11E1820402 Datasheet HTML 10Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
274
EC11 11mm Size Metal Shaft Type
Dimensions
Unit:mm
No.
Photo
Style
PC board mounting hole dimensions
(Viewed from mounting side)
( )
16
12.5
5
1.5
5-ø1 holes
5
DE
AC B
EC111
Self-return switch
with push-on switch
(travel 0.5mm / 1.5mm)
17
AC B
A' C' B'
12.5
5
1.5
8-ø1 holes
5
DE
EC11E
Dual-shaft type
with push-on switch
(travel 0.5mm)
Inner shaft: encoder
Outer shaft: encoder
3.5
8.5
25
7
15
7
1.5
5
C0.5 C0.5
11.7
A C B
A' C' B'
9.2
3.5
Switch travel
D
E
(Switch01)
(Switch02)
(Switch03)
18
AC B
A' C' B'
12.5
5
1.5
8-ø1 holes
5
DE
EC11E
Dual-shaft type
with push-on switch
(travel 1.5mm)
Inner shaft: encoder
Outer shaft: self-return
switch


Similar Part No. - EC11E1820402

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC11E1820402 ALPS-EC11E1820402 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
logo
List of Unclassifed Man...
EC11E1820402 ETC-EC11E1820402 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - EC11E1820402

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC11 ALPS-EC11 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
EM11B ALPS-EM11B Datasheet
842Kb / 4P
   11mm Size Metal Shaft Magnetic Type
RK119 ALPS-RK119 Datasheet
313Kb / 6P
   11mm Size Metal Shaft Reflow Type
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
   Metal Shaft Encoder 11mm Size Type
logo
ALPS ELECTRIC CO.,LTD.
RK117 ALPS-RK117 Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
EC11J ALPS-EC11J Datasheet
432Kb / 4P
   11mm Size Metal Shaft Long Life Type
logo
List of Unclassifed Man...
RK117 ETC1-RK117 Datasheet
128Kb / 5P
   11mm Size Metal Shaft Low-profile Potentiometer
logo
ALPS ELECTRIC CO.,LTD.
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
   20mm Size Metal Shaft Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com