Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC11E09244BS Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # EC11E09244BS
Description  11mm Size Metal Shaft Type
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC11E09244BS Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  EC11E09244BS Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC11E09244BS Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC11E09244BS Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC11E09244BS Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. EC11E09244BS Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. EC11E09244BS Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. EC11E09244BS Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. EC11E09244BS Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. EC11E09244BS Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
272
EC11 11mm Size Metal Shaft Type
Dimensions
Unit:mm
Photo
Style
No.
PC board mounting hole dimensions
(Viewed from mounting side)
Switch travel
0.5or1.5
Mounting
surface
ø8.975
1.6
EC11K15
Type only
EC11K09
Type only
ø2.1hole
2-R0.8
7
10
24.5
(20)
3.5
4.5
3.5
1.2
C1
C1
(Switch01)
(Switch02)
1.6
2-R0.8
1.55
5
5
12.6
6
12.5
11.7
13.1
E
D
C B
A
PC board mounting detail
A slant line part hows
the solder land black part:
Do not solder and wiring
for electrical contact
5-ø1.05holes
E
D
B
C
A
DE
6
7
EC11K
Vertical
EC11G
Vertical
EC11G
Vertical
with push-on switch
(travel 1.5mm)
EC11G
Vertical
with push-on switch
(travel 1.5mm)
EC11K
Vertical
with push-on switch
(travel 0.5mm /
1.5mm)
Mounting
surface
Dummy
terminal
ø8.975
R0.5
1.6
EC11K15
Type only
EC11K09
Type only
ø2.1hole
2-R0.8
7
10
24.5
(20)
3.5
4.5
3.5
1.2
C1
C1
(Switch01)
1.6
2-R0.8
1.55
5
5
12.6
6
12.5
11.7
13.1
E
D
C B
A
Black part : Do not solder and
no wiring for electrical contact.
5-ø1.05 hole
E
D
B
C
A
Switch travel
0.5or1.5
Mounting
surface
ø8.975
R0.5
1.6
EC11K15
Type only
EC11K09
Type only
ø2.1hole
2-R0.8
7
10
24.5
(20)
3.5
4.5
3.5
1.2
C1
C1
(Switch01)
(Switch02)
1.6
2-R0.8
1.55
5
5
12.6
6
12.5
11.7
13.1
E
D
C B
A
Black part : Do not solder and
no wiring for electrical contact.
5-ø1.05 hole
E
D
B
C
A
8
9
10
Mounting
surface
Mounting
surface
Mounting
surface
Dummy
terminal
Center of shaft
5-ø1
A C
E
D
B
hole
ø2.05 hole
2-R0.8
5
12.5
1.5
5
1.55
(SW01)
0.5x45°
CHAM
B
C
A
E
D
4.5
3.5
3.5
7
25
9.2
11.7
13.1
(20.5)
1.5
Center of shaft
5-ø1 hole
A C B
ø2.05 hole
2-R0.8
D
E
5
12.5
1.5
5
1.55
(SW01)
0.5x45°
CHAM
(SW02)
Switch travel
D
E
A C B
4.5
3.5
3.5
7
25
1.5
1.5
13.1
11.7
9.2
(20.5)
Center of shaft
5-ø1
A C
E
D
B
hole
ø2.05 hole
2-R0.8
5
12.5
1.5
5
1.55
(SW01)
0.5x45°
CHAM
(SW02)
Switch travel
D
E
A C B
4.5
3.5
3.5
7
25
1.5
1.5
13.1
11.7
9.2
(20.5)
0.1
8±0.1
90°±2°
0.1
8±0.1
90°±2°
0.1
8±0.1
90°±2°
D
E
D
E
Mounting
surface
Mounting
surface
Mounting
surface
Dummy
terminal
Center of shaft
5-ø1
A C
E
D
B
hole
ø2.05 hole
2-R0.8
5
12.5
1.5
5
1.55
(SW01)
0.5x45°
CHAM
B
C
A
E
D
4.5
3.5
3.5
7
25
9.2
11.7
13.1
(20.5)
1.5
Center of shaft
5-ø1 hole
A C B
ø2.05 hole
2-R0.8
D
E
5
12.5
1.5
5
1.55
(SW01)
0.5x45°
CHAM
(SW02)
Switch travel
D
E
A C B
4.5
3.5
3.5
7
25
1.5
1.5
13.1
11.7
9.2
(20.5)
Center of shaft
5-ø1
A C
E
D
B
hole
ø2.05 hole
2-R0.8
5
12.5
1.5
5
1.55
(SW01)
0.5x45°
CHAM
(SW02)
Switch travel
D
E
A C B
4.5
3.5
3.5
7
25
1.5
1.5
13.1
11.7
9.2
(20.5)
0.1
8±0.1
90°±2°
0.1
8±0.1
90°±2°
0.1
8±0.1
90°±2°
D
E
D
E
Mounting
surface
Mounting
surface
Mounting
surface
Dummy
terminal
Center of shaft
5-ø1
A C
E
D
B
hole
ø2.05 hole
2-R0.8
5
12.5
1.5
5
1.55
(SW01)
0.5x45°
CHAM
B
C
A
E
D
4.5
3.5
3.5
7
25
9.2
11.7
13.1
(20.5)
1.5
Center of shaft
5-ø1 hole
A C B
ø2.05 hole
2-R0.8
D
E
5
12.5
1.5
5
1.55
(SW01)
0.5x45°
CHAM
(SW02)
Switch travel
D
E
A C B
4.5
3.5
3.5
7
25
1.5
1.5
13.1
11.7
9.2
(20.5)
Center of shaft
5-ø1
A C
E
D
B
hole
ø2.05 hole
2-R0.8
5
12.5
1.5
5
1.55
(SW01)
0.5x45°
CHAM
(SW02)
Switch travel
D
E
A C B
4.5
3.5
3.5
7
25
1.5
1.5
13.1
11.7
9.2
(20.5)
0.1
8±0.1
90°±2°
0.1
8±0.1
90°±2°
0.1
8±0.1
90°±2°
D
E
D
E
Mounting
surface
Mounting
surface
Mounting
surface
Dummy
terminal
Center of shaft
5-ø1
A C
E
D
B
hole
ø2.05 hole
2-R0.8
5
12.5
1.5
5
1.55
(SW01)
0.5x45°
CHAM
B
C
A
E
D
4.5
3.5
3.5
7
25
9.2
11.7
13.1
(20.5)
1.5
Center of shaft
5-ø1 hole
A C B
ø2.05 hole
2-R0.8
D
E
5
12.5
1.5
5
1.55
(SW01)
0.5x45°
CHAM
(SW02)
Switch travel
D
E
A C B
4.5
3.5
3.5
7
25
1.5
1.5
13.1
11.7
9.2
(20.5)
Center of shaft
5-ø1
A C
E
D
B
hole
ø2.05 hole
2-R0.8
5
12.5
1.5
5
1.55
(SW01)
0.5x45°
CHAM
(SW02)
Switch travel
D
E
A C B
4.5
3.5
3.5
7
25
1.5
1.5
13.1
11.7
9.2
(20.5)
0.1
8±0.1
90°±2°
0.1
8±0.1
90°±2°
0.1
8±0.1
90°±2°
D
E
D
E
Mounting
surface
ø8.975
1.6
EC11K15
Type only
EC11K09
Type only
ø2.1hole
2-R0.8
7
10
24.5
(20)
3.5
4.5
3.5
1.2
C1
C1
(Switch01)
Dummy terminal
1.6
2-R0.8
1.55
5
5
12.6
6
12.5
11.7
13.1
E
D
C B
A
PC board mounting detail
A slant line part hows
the solder land black part:
Do not solder and wiring
for electrical contact
11.3
5-ø1.05 hole
E
D
B
C
A


Similar Part No. - EC11E09244BS

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC11E09244BS ALPS-EC11E09244BS Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
logo
List of Unclassifed Man...
EC11E09244BS ETC-EC11E09244BS Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - EC11E09244BS

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC11 ALPS-EC11 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
EM11B ALPS-EM11B Datasheet
842Kb / 4P
   11mm Size Metal Shaft Magnetic Type
RK119 ALPS-RK119 Datasheet
313Kb / 6P
   11mm Size Metal Shaft Reflow Type
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
   Metal Shaft Encoder 11mm Size Type
logo
ALPS ELECTRIC CO.,LTD.
RK117 ALPS-RK117 Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
EC11J ALPS-EC11J Datasheet
432Kb / 4P
   11mm Size Metal Shaft Long Life Type
logo
List of Unclassifed Man...
RK117 ETC1-RK117 Datasheet
128Kb / 5P
   11mm Size Metal Shaft Low-profile Potentiometer
logo
ALPS ELECTRIC CO.,LTD.
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
   20mm Size Metal Shaft Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com